Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments TUSB1146 Datasheet HTML 44Page - Texas Instruments TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments TUSB1146 Datasheet HTML 49Page - Texas Instruments TUSB1146 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
46
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.6.1.14 VOD_CTRL Register (Offset = 0x32) [reset = 0x40]
VOD_CTRL is shown in Table 26.
Return to the Summary Table.
This register controls the transmitters output linearity range for both UFP and DFP. When device is configured for
limited redriver (SSRX_LIMIT_ENABLE field is set), USB_SSRX_VOD controls the VOD level for SSRX limited
driver.
Table 26. VOD_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
LFPS_TX12_VOD
R/W
0x1
VOD linearity control for TX1 or TX2 when LFPS is being
transmitted.
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
5-4
DP_VOD
R/W
0x0
VOD linearity control for DP paths.
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
3-2
USB_TX12_VOD
R/W
0x0
VOD linearity control for USB downstream facing ports (TX1 and
TX2).
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
1-0
USB_SSRX_VOD
R/W
0x0
VOD linearity control for USB upstream facing port (SSRX). When
SSRX_LIMIT_ENABLE = 1, then this field controls the limited VOD
for SSRX.
0x0 = LINR_L3 (highest)
0x1 = LINR_L2
0x2 = LINR_L1
0x3 = LINR_L0 (lowest)
8.6.1.15 AEQ_STATUS Register (Offset = 0x3B) [reset = 0x0]
AEQ_STATUS is shown in Table 27.
Return to the Summary Table.
This register provides the status of AEQ function.
Table 27. AEQ_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R
0x0
Reserved
4
DONE_STAT
RH
0x0
This flag is set after DAC wait timer expires.
3-0
AEQ_STAT
RH
0x0
Optimal EQ determined by FSM after the completion of Full AEQ.
This field will also indicate EQ used for Fast AEQ. This field will
include the value programmed into OVER_EQ_CTRL field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com