Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 49 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 45Page - Texas Instruments TUSB1146 Datasheet HTML 46Page - Texas Instruments TUSB1146 Datasheet HTML 47Page - Texas Instruments TUSB1146 Datasheet HTML 48Page - Texas Instruments TUSB1146 Datasheet HTML 49Page - Texas Instruments TUSB1146 Datasheet HTML 50Page - Texas Instruments TUSB1146 Datasheet HTML 51Page - Texas Instruments TUSB1146 Datasheet HTML 52Page - Texas Instruments TUSB1146 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A12
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B1
GND
GND
GND
GND
TXP2
TXN2
VBUS
VBUS
VBUS
VBUS
RXP2
RXN2
SBU1
DN1
DP1
CC1
TXN1
TXP1
RXP1
RXN1
SBU2
CC2
DP2
DN2
RX2P
RX2N
TX2P
TX2N
TX1N
TX1P
RX1N
RX1P
SBU1
SBU2
SSTXP
SSTXN
SSRXP
SSRXN
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
AUXP
AUXN
SSRXP
SSRXN
SSTXP
SSTXN
AUXP
AUXN
DP_PWR (3.3V)
100K
100K
CAC-DP
100nF
100nF
CAC-USB1
DP_ML0P
DP_ML0N
DP_ML1P
DP_ML1N
DP_ML2P
DP_ML2N
DP_ML3P
DP_ML3N
USB 3.1 Host
DP1.4
GPU
USB Type-C
Receptacle
FLIP/SCL
CTL0/SDA
CTL1/HPDIN
2M
2M
Type-C
PD
Controller
I2C_EN
SSEQ0/A0
SSEQ1
DPEQ0/A1
DPEQ1
EQ0
EQ1
RI2C
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
VI2C
100nF
10PF
3.3V
100nF
100nF
100nF
Copyright © 2018, Texas Instruments Incorporated
DCI_CLK
DCI_DAT
»
»
To PCH DCI
Clock Input
To PCH DCI
DATA Input
22O
22O
CAC-USB1
CAC-USB2
Optional
CAC-USB1
RRX
Optional
CAC-USB2
RRX
Optional
Optional
RI2C
3.3V
49
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 34. Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com