Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 2Page - Texas Instruments TUSB1146 Datasheet HTML 3Page - Texas Instruments TUSB1146 Datasheet HTML 4Page - Texas Instruments TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
6
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Power Supply Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PCC(ACTIVE-USB-DP1)
Average active power
USB + 2 Lane DP
Link in U0 with GEN2 data transmission;
EQ control pins = NC; PRBS7 pattern at
10 Gbps, VID = 1000 mVPP; LINR_L3;
CTL1 = H; CTL0 = H
520
mW
PCC(ACTIVE--4DP)
Average active power
4 Lane DP Only
Four active DP lanes operating at
8.1Gbps; PRBS7 pattern;
CTL1 = H; CTL0 = L; LINR_L3;
500
mW
PCC(NC-USB)
Average power with no connection
No GEN2 device is connected to
TXP/TXN;
CTL1 = L; CTL0 = H;
3.5
mW
PCC(U2U3)
Average power in U2/U3
Link in U2 or U3; USB Mode Only;
CTL1 = L; CTL0 = H;
2.0
mW
PCC(HPDLOW--4DP)
Power 4 Lane DP Only when HPDIN
= L
CTL1 = H; CTL0 = L; HPDIN = L;
0.475
mW
PCC(DISABLED-I2C)
Device Diabled power in I2C Mode
I2C_EN != 0; HPDIN = L;
0.122
mW
PCC(DISABLED)
Device Diabled power
CTL1 = L; CTL0 = L; I2C_EN = 0; HPDIN
= L;
0.110
mW
6.6 Control I/O DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4-level Inputs
4-Level VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
4-Level VTH
Threshold R/ Float
VCC = 3.3 V
1.65
V
4-Level VTH
Threshold Float / 1
VCC33 = 3.3 V
2.7
V
IIH
High level input current
VCC = 3.6 V; VIN = 3.6 V
20
60
µA
IIL
Low level input current
VCC = 3.6 V; VIN = 0 V
–100
-40
µA
RPU
Internal pull-up resistance
48
kΩ
RPD
Internal pull-down resistance
98
kΩ
2-State CMOS Input (CTL0, CTL1, FLIP). CTL0 and FLIP are Failsafe.
VIH
High-level input voltage
VCC = 3.0V
2
3.6
V
VIL
Low-level input voltage
VCC = 3.6V
0
0.8
V
RPD
Internal pull-down resistance for HPDIN,
CADSNK
400
500
600
k
Ω
RPD
Internal pull-down resistance for CTL1
300
400
500
k
Ω
IIH_CTL1
High-level input current for CTL1
VIN = 3.6 V
–11
11
µA
IIL_CTL1
Low-level input current for CTL1
VIN = GND, VCC = 3.6 V
–1
1
µA
IIH_HPD_CAD
High-level input current for HPDIN,
CADSNK
VIN = 3.6 V
–11
11
µA
IIL_HPD_CAD
Low-level input current for HPDIN,
CADSNK
VIN = GND, VCC = 3.6 V
–1
1
µA
IIH_CTL0_FLIP
High-level input current for CTL0 and
FLIP
VIN = 3.6 V; I2C_EN = 0
–1
1
µA
IIL_CTL0_FLIP
Low-level input current for CTL0 and
FLIP
VIN = GND, VCC = 3.6 V; I2C_EN = 0;
–1
1
µA
I2C Control Pins (SCL, SDA)
VIH_3p3V
High-level input voltage when configured
for 3.3V I2C level
I2C_EN = 1
2.0
3.6
V
VIL_3p3V
Low-level input voltage when configured
for 3.3V I2C level
I2C_EN = 1
0
0.8
V
VIH_1p8V
High-level input voltage when configured
for 1.8V I2C level
I2C_EN = F
1.2
V
VIL_1p8V
Low-level input voltage when configured
for 1.8V I2C level
I2C_EN = F
0
0.6
V
VOL
Low-level output voltage
I2C_EN = 0; IOL = 6 mA
0
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com