Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments TUSB1210 Datasheet HTML 18Page - Texas Instruments TUSB1210 Datasheet HTML 19Page - Texas Instruments TUSB1210 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
7 Detailed Description
7.1 Overview
The TUSB1210 is a USB2.0 transceiver chip, designed to interface with a USB controller through a ULPI
interface. It supports all USB2.0 data rates High-Speed, Full-Speed, and Low-Speed. Compliant to Host and
Peripheral (OTG) modes. It additionally supports a UART mode and legacy ULPI serial modes. TUSB1210
Integrates a 3.3-V LDO, which makes it flexible to work with either battery operated systems or pure 3.3 V
supplied systems. Also, it has an integrated PLL Supporting 2 Clock Frequencies 19.2 MHz/26 MHz. The ULPI
clock pin (60 MHz) supports input and output clock configurations. TUSB1210 has low power consumption,
optimized for portable devices, and complete USB OTG Physical Front-End that supports Host Negotiation
Protocol (HNP) and Session Request Protocol (SRP).
TUSB1210 is optimized to be interfaced through a 12-pin SDR UTMI Low Pin Interface (ULPI), supporting both
input clock and output clock modes, with 1.8 V interface supply voltage.
TUSB1210 integrates a 3.3 V LDO, which makes it flexible to work with either battery operated systems or pure
3.3 V supplied systems. Both the main supply and the 3.3 V power domain can be supplied through an external
switched-mode converter for optimized power efficiency.
TUSB1210 includes a POR circuit to detect supply presence on VBAT and VDDIO pins. TUSB1210 can be
disabled or configured in low power mode for energy saving.
TUSB1210 is protected against accidental shorts to 5 V or ground on its exposed interface (DP/DM/ID). It is also
protected against up to 20 V surges on VBUS.
TUSB1210 integrates a high-performance low-jitter 480 MHz PLL and supports two clock configurations.
Depending on the required link configuration, TUSB1210 supports both ULPI input and output clock mode:
input clock mode, in which case a square-wave 60 MHz clock is provided to TUSB1210-Q1 at the ULPI interface
CLOCK pin; and output clock mode in which case TUSB1210 can accept a square-wave reference clock at
REFCLK of either 19.2 MHz, 26 MHz. Frequency is indicated to TUSB1210 via the configuration pin CFG. This
can be useful if a reference clock is already available in the system.
7.2 Functional Block Diagram
USB-IP
OTG
1V5
3V3
1V8
POR
VBAT
PLL
PHY
ANA
PHY
DIG
+
ULPI
+
REGS
32K
BGAP
& REF
POR
DIG
DIG
TEST
OTG
PWR_ FSM
POR
VIO
CTRL
RST_DIG
VDDIO (32)
VBAT (21)
N /C
(24)
VDD15 (12)
VDD18 (28)
VDD33 (20)
DP (18)
DM (19)
ID (23)
(22)
VBUS
( 1) REFCLK
(25) N/C
(17) CPEN
(16) N/C
(15) N/C
VDD18 (30)
PKG Substrate
(Ground )
(14) CFG
(11) CS
( 8) N/C
(27) RESETB
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com