Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
6.8 PHY Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
HS Differential Receiver
VHSSQ
High-speed squelch detection threshold (differential signal
amplitude)
Ref. USB2.0
100
150
mV
VHSDSC
High-speed disconnect detection threshold (differential signal
amplitude)
Ref. USB2.0
525
625
mV
High-speed differential input signaling levels
Ref. USB2.0, specified by eye
pattern templates
mV
VHSCM
High-speed data signaling common mode voltage range
(guidelines for receiver)
Ref. USB2.0
–50
500
mV
Receiver jitter tolerance
Ref. USB2.0, specified by eye
pattern templates
150
ps
HS Transmitter
VHSOI
High-speed idle level
Ref. USB2.0
–10
10
mV
VHSOH
High-speed data signaling high
Ref. USB2.0
360
440
mV
VHSOL
High-speed data signaling low
Ref. USB2.0
–10
10
mV
VCHIRPJ
Chirp J level (differential voltage)
Ref. USB2.0
700
1100
mV
VCHIRPK
Chirp K level (differential voltage)
Ref. USB2.0
-900
-500
mV
tr
Rise Time (10% - 90%)
Ref. USB2.0, covered by eye
diagram
500
ps
tf
Fall time (10% - 90%)
Ref. USB2.0, covered by eye
diagram
500
ps
ZHSDRV
Driver output resistance (which also serves as high-speed
termination)
Ref. USB2.0
40.5
49.5
Ω
THSDRAT
High-speed data range
Ref. USB2.0, covered by eye
diagram
479.76
480.24
Mb/s
Data source jitter
Ref. USB2.0, covered by eye
diagram
Downstream eye diagram
Ref. USB2.0, covered by eye
diagram
Upstream eye diagram
Ref. USB2.0, covered by eye
diagram
CEA-2011/UART Transceiver
UART Transmitter CEA-2011
tPH_UART_EDGE Phone UART edge rates
DP_PULLDOWN asserted
1
Μs
VOH_SER
Serial interface output high
ISOURCE = 4 mA
2.4
3.3
3.6
V
VOL_SER
Serial interface output low
ISINK = –4 mA
0
0.1
0.4
V
UART Receiver CEA-2011
VIH_SER
Serial interface input high
DP_PULLDOWN asserted
2
V
VIL_SER
Serial interface input low
DP_PULLDOWN asserted
0.8
V
VTH
Switching threshold
0.8
2
V
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com