Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 56 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 52Page - Texas Instruments TUSB1210 Datasheet HTML 53Page - Texas Instruments TUSB1210 Datasheet HTML 54Page - Texas Instruments TUSB1210 Datasheet HTML 55Page - Texas Instruments TUSB1210 Datasheet HTML 56Page - Texas Instruments TUSB1210 Datasheet HTML 57Page - Texas Instruments TUSB1210 Datasheet HTML 58Page - Texas Instruments TUSB1210 Datasheet HTML 59Page - Texas Instruments TUSB1210 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
8.2.2.1 Design Requirements
Table 8-2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VBAT
3.3 V
VDDIO
1.8 V
VBUS
5.0 V
USB Support
HS, FS, LS
Clock Sources
26 MHz or 19.2 MHz Oscillator
8.2.2.2 Detailed Design Procedure
Connect the TUSB1210 device as is shown in Figure 8-3.
Follow the Board Guidelines in the TUSB121x USB2.0 Board Guidelines application report.
8.2.2.2.1 Unused Pins Connection
• ID: Input. Leave floating if unused or TUSB1210 is Device mode only. Tie to GND through RID < 1 kΩ if Host
mode.
• REFCLK: Input. If REFCLK is unused, and 60 MHz clock is provided by MODEM (60 MHz should be
connected to CLOCK pin in this case) then tie REFCLK to GND.
• CFG: Tie to GND if REFCLK is 19.2 MHz, or tie to VDDIO if REFCLK is 26 MHz. Tie to either GND or VDDIO
(does not matter which) if REFCLK not used (for example, ULPI input clock configuration).
8.2.2.3 Application Curve
Figure 8-4. Full-Speed Eye Diagram
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
56
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com