Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 32Page - Texas Instruments TUSB1210 Datasheet HTML 33Page - Texas Instruments TUSB1210 Datasheet HTML 34Page - Texas Instruments TUSB1210 Datasheet HTML 35Page - Texas Instruments TUSB1210 Datasheet HTML 36Page - Texas Instruments TUSB1210 Datasheet HTML 37Page - Texas Instruments TUSB1210 Datasheet HTML 38Page - Texas Instruments TUSB1210 Datasheet HTML 39Page - Texas Instruments TUSB1210 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
7.5.17 USB_INT_EN_FALL
ADDRESS OFFSET
0x10
PHYSICAL ADDRESS
0x10
INSTANCE
USB_SCUSB
DESCRIPTION
If set, the bits in this
register cause an interrupt event
notification to be generated when
the corresponding PHY signal
changes from low to high.
By default, all transitions are
enabled.
TYPE
RW
WRITE LATENCY
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
IDGND_FALL
SESSEND_FAL
L
SESSVALID_F
ALL
VBUSVALID_F
ALL
HOSTDISCON
NECT_FALL
BITS
FIELD NAME
DESCRIPTION
TYPE
RESET
7
Reserved
R
0
6
Reserved
R
0
5
Reserved
R
0
4
IDGND_FALL
Generate an interrupt event notification when IdGnd changes from
high to low.
RW
1
Event is automatically masked if IdPullup bit is clear to 0 and for
50ms after IdPullup is set to 1.
3
SESSEND_FALL
Generate an interrupt event notification when SessEnd changes
from high to low.
RW
1
2
SESSVALID_FALL
Generate an interrupt event notification when SessValid changes
from high to low. SessValid is the same as UTMI+ AValid.
RW
1
1
VBUSVALID_FALL
Generate an interrupt event notification when VbusValid changes
from high to low.
RW
1
0
HOSTDISCONNECT_FALL
Generate an interrupt event notification when Hostdisconnect
changes from high to low. Applicable only in host mode
(DpPulldown and DmPulldown both set to 1b).
RW
1
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
36
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com