Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1210 Datasheet HTML 1Page - Texas Instruments TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
1 Features
• USB2.0 PHY transceiver chip, designed to
interface with a USB controller through a ULPI
interface, fully compliant with:
– Universal serial bus specification Rev. 2.0
– On-the-go supplement to the USB 2.0
specification Rev. 1.3
– UTMI+ low pin interface (ULPI) specification
Rev. 1.1
– ULPI 12-pin SDR interface
• DP/DM line external component compensation
(patent #US7965100 B1)
• Interfaces to host, peripheral and OTG device
cores; optimized for portable devices or system
ASICs with built-in USB OTG device core
• Complete USB OTG physical front-end that
supports host negotiation protocol (HNP) and
session request protocol (SRP)
• VBUS overvoltage protection circuitry protects VBUS
pin in range –2 V to 20 V
• Internal 5-V short-circuit protection of DP, DM, and
ID pins for cable shorting to VBUS pin
• ULPI interface:
– I/O interface (1.8 V) optimized for
nonterminated 50 Ω line impedance
– ULPI CLOCK pin (60 MHz) supports input and
output clock configurations
– Fully programmable ULPI-compliant register set
• Full industrial grade operating temperature range
from –40°C to 85°C
• Available in a 32-pin quad flat no lead [QFN
(RHB)] package
2 Applications
• Mobile phones
• Portable computers
• Tablet devices
• Video game consoles
• Desktop computers
• Portable music players
3 Description
The TUSB1210 is a USB2.0 transceiver chip,
designed to interface with a USB controller through
a ULPI interface. The device supports all USB2.0
data rates (high-speed 480 Mbps, full-speed 12 Mbps,
and low-speed 1.5 Mbps), and is compliant to both
host and peripheral modes. The device additionally
supports a UART mode and legacy ULPI serial
modes. TUSB1210 also supports the OTG (Ver1.3)
optional addendum to the USB 2.0 Specification,
including HNP and SRP.
The DP/DM external component compensation in the
transmitter compensates for variations in the series
impendence in order to match with the data line
impedance and the receiver input impedance, to limit
data reflections and thereby improve eye diagrams.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1210
VQFN (32)
5.00 mm × 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
TUSB1210
(PHY)
USB 2.0
LINK
ULPI Interface
USB 2.0 HOST,
OTG, or Device
Diagram
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
Stand-Alone USB Transceiver Chip Silicon
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
Stand-Alone USB Transceiver Chip Silicon
TUSB1210BRHBR TI-TUSB1210BRHBR Datasheet
1Mb / 64P
Standalone USB Transceiver Chip Silicon
More results

Similar Description - TUSB1210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8514 PHILIPS-PCA8514 Datasheet
322Kb / 64P
Stand-alone OSD
1995 Nov 27
logo
ON Semiconductor
NCV7321 ONSEMI-NCV7321 Datasheet
178Kb / 12P
Stand Alone LIN Transceiver
June, 2010 ??Rev. 8
NCV7321 ONSEMI-NCV7321_15 Datasheet
156Kb / 14P
Stand-alone LIN Transceiver
July, 2015 ??Rev. 13
NCV7321 ONSEMI-NCV7321_16 Datasheet
152Kb / 14P
Stand-alone LIN Transceiver
August, 2016 ??Rev. 14
logo
Texas Instruments
TUSB1210-Q1 TI1-TUSB1210-Q1 Datasheet
1Mb / 66P
TUSB1210-Q1 Standalone USB Transceiver Chip Silicon
TUSB1210 TI1-TUSB1210 Datasheet
1Mb / 66P
TUSB1210 Stand-Alone USB Transceiver Chip Silicon
TUSB1211 TI1-TUSB1211_17 Datasheet
1Mb / 80P
Stand-Alone USB Transceiver Chip
TUSB1210 TI1-TUSB1210_17 Datasheet
1Mb / 66P
Stand-Alone USB Transceiver Chip Silicon
logo
ON Semiconductor
NCV7329 ONSEMI-NCV7329 Datasheet
141Kb / 12P
Stand-alone LIN Transceiver
May, 2018 ??Rev. 0
NCV7327 ONSEMI-NCV7327 Datasheet
183Kb / 12P
LIN Transceiver, Stand-alone
March, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com