Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 2Page - Texas Instruments TUSB1210 Datasheet HTML 3Page - Texas Instruments TUSB1210 Datasheet HTML 4Page - Texas Instruments TUSB1210 Datasheet HTML 5Page - Texas Instruments TUSB1210 Datasheet HTML 6Page - Texas Instruments TUSB1210 Datasheet HTML 7Page - Texas Instruments TUSB1210 Datasheet HTML 8Page - Texas Instruments TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Main battery supply voltage (2)
0
5
V
Voltage on any input(3)
Where supply represents the voltage applied
to the power supply pin associated with the
input
–0.3 1 × VCC +0.3
V
VBUS input
–2
20
V
ID, DP, DM inputs
Stress condition guaranteed 24h
–0.3
5.25
V
VDDIO
IO supply voltage
Continuous
1.98
V
TA
Ambient temperature range
–40
85
°C
TJ
Ambient temperature range
Absolute maximum rating
–40
150
°C
For parametric compliance
–40
125
Ambient temperature for parametric
compliance
With max 125°C as junction temperature
–40
85
°C
DP, DM, ID high voltage short circuit
DP, DM or ID pins short circuited to VBUS
supply, in any mode of TUSB1210 operation,
continuously for 24 hours
5.25
V
DP, DM, ID low voltage short circuit
DP, DM or ID pins short circuited to
GND in any mode of TUSB1210 operation,
continuously for 24 hours
0
V
Tstg
Storage temperature range
–55
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Section 6.3 is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The product will have negligible reliability impact if voltage spikes of 5.5 V occur for a total (cumulative over lifetime) duration of 5
milliseconds.
(3)
Except VBAT input, VBUS, ID, DP, and DM pads
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge (ESD)
performance:
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±2000
V
Charged device model (CDM), per JESD22-C101 or ANSI/
ESDA/JEDEC JS-002(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
VBAT
Battery supply voltage
2.7
3.6
4.8
V
VBAT CERT
Battery supply voltage for USB 2.0 compliancy
(USB 2.0 certification)
When VDD33 is supplied internally
3.15
V
When VDD33 is shorted to VBAT externally
3.05
VDDIO
Digital IO pin supply
1.71
1.98
V
TA
Ambient temperature range
–40
85
°C
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com