Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1210 Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1210
Description  TUSB1210 Stand-Alone USB Transceiver Chip Silicon
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1210 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1210 Datasheet HTML 9Page - Texas Instruments TUSB1210 Datasheet HTML 10Page - Texas Instruments TUSB1210 Datasheet HTML 11Page - Texas Instruments TUSB1210 Datasheet HTML 12Page - Texas Instruments TUSB1210 Datasheet HTML 13Page - Texas Instruments TUSB1210 Datasheet HTML 14Page - Texas Instruments TUSB1210 Datasheet HTML 15Page - Texas Instruments TUSB1210 Datasheet HTML 16Page - Texas Instruments TUSB1210 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
6.14 Timing Requirements
PARAMETER
INPUT CLOCK
OUTPUT CLOCK
UNIT
MIN
MAX
MIN
MAX
ULPI Interface Timing
tSC, tSD
Set-up time (control in, 8-bit data in)
3
6
ns
tSC, tHD
Hold time (control in, 8-bit data in)
1.5
0
ns
tDC, tDD
Output delay (control out, 8-bit data out)
6
1.2
5
ns
USB UART Interface Timing
tPH_DP_CON
Phone D+ connect time
100
ms
tPH_DISC_DET
Phone D+ disconnect time
150
ms
fUART_DFLT
Default UART signaling rate (typical rate)
9600
bps
VBAT , VDD33
VDDIO, VDD18
IORST
CS
ICACT
VDD15
DIGPOR
CK32K
BGOK
CK32KOK
MNTR_(VDD18,VIO)_OK
MNTR_VDD33_OK
RESETN_PWR
TDELRSTPWR (61us)
TDELMNTRVIOEN (91.5us)
TDELVDD33EN (91.5us)
TMNTR (183.1us)
(input 60M) CLOCK
PLL 480M LOCKED
TPLL (300us)
DIR
TBGAP (2ms)
TPWONVDD15 (100us)
RESETB
TDELRESETB (244.1us)
TVBBDET (10us)
TCK32K_PWON (125us)
TMNTR (183.1us)
TDEL_CS_SUPPLYOK (2.84ms)
TDEL_RST_DIR (0.54ms)
Figure 6-1. TUSB1210 Power-Up Timing (ULPI Clock Input Mode)
Table 6-1. Timers and Debounce
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
tDEL_CS_SUPPLYOK
Chip-select-to-supplies OK delay
2.84
4.10
ms
tDEL_RST_DIR
RESETB to PHY PLL locked and DIR falling-
edge delay
0.54
0.647
ms
tVBBDET
VBAT detection delay
10
µs
tBGAP
Bandgap power-on delay
2
ms
tPWONVDD15
VDD15 power-on delay
100
µs
tPWONCK32K
32-KHz RC-OSC power-on delay
125
µs
tDELRSTPWR
Power control reset delay
61
µs
tDELMNTRVIOEN
Monitor enable delay
91.5
µs
tMNTR
Supply monitoring debounce
183.1
µs
tDELVDD33EN
VDD33 LDO enable delay
93.75
µs
tDELRESETB
RESETB internal delay
244.1
µs
tPLL
PLL lock time
300
µs
www.ti.com
TUSB1210
SLLSE09J – NOVEMBER 2009 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB1210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com