Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments TUSB7320 Datasheet HTML 15Page - Texas Instruments TUSB7320 Datasheet HTML 16Page - Texas Instruments TUSB7320 Datasheet HTML 17Page - Texas Instruments TUSB7320 Datasheet HTML 18Page - Texas Instruments TUSB7320 Datasheet HTML 19Page - Texas Instruments TUSB7320 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
6.3.1.1.1 De-Emphasis Control
De-emphasis provides a means to compensate for high-frequency attenuation in the attached media. De-
emphasis causes the output amplitude to be smaller for bits which are not preceded by a transition than for
bits which are. Fifteen different de-emphasis settings are provided through the PORTx_DE bits in De-Emphasis
and Swing Control Register.
Table 6-2. Differential Output De-Emphasis
VALUE
AMPLITUDE REDUCTION
%
dB
0000
0
0
0001
5.33
−0.48
0010
9.52
−0.87
0011
13.8
−1.29
0100
18.1
−1.73
0101
22.5
−2.21
0110
27.0
−2.73
0111
31.4
−3.28
1000
36.2
−3.9
1001
40.8
−4.55
1010
45.4
−5.26
1011
50.2
−6.05
1100
55.0
−6.93
1101
59.7
−7.90
1110
64.5
−8.99
1111
69.3
−10.27
6.3.1.2 Adaptive Equalizer
All receive channels in this macro family incorporate an adaptive equalizer, which can compensate for channel
insertion loss by attenuating the low frequency components with respect to the high frequency components of
the signal, thereby reducing inter-symbol interference.
The equalizer can be configured through the Portx_EQ bits of the Equalizer Control Register. Table 6-3
summarizes the options, which are:
• No adaptive equalization. The equalizer provides a flat response at the maximum gain. This setting may
be appropriate if jitter at the receiver occurs predominantly as a result of crosstalk rather than frequency
dependent loss.
• Fully adaptive equalization. Both the low frequency gain and zero position of the equalizer are determined
algorithmically by analyzing the data patterns and transition positions in the received data. FTC refers to
the algorithm that controls the zero position. In the FTC normal mode, the zero is decreased in frequency
when more equalization is needed; in the FTC reversed mode, the zero is increased in frequency when more
equalization is needed. The fully adaptive with FTC reversed setting should be used for most applications.
• Hold. The equalizer state is held at its current gain level and zero point.
• Initialize. The equalizer is initialized to a mid-point gain level, with the zero set to a frequency appropriate for
the receiver data rate.
• Partially adaptive equalization. The low frequency gain of the equalizer is determined algorithmically by
analyzing the data patterns and transition positions in the received data. The zero position is fixed in one of
eight zero positions. For any given application, the optimal setting is a function of the loss characteristics of
the channel and the spectral density of the signal as well as the data rate, which means it is not possible to
identify the best setting by data rate alone, although generally speaking, the lower the line rate, the lower the
zero frequency that will be required.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com