Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 66 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 62Page - Texas Instruments TUSB7320 Datasheet HTML 63Page - Texas Instruments TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments TUSB7320 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 122 page
background image
8.1.58 MSI-X Table Offset and BIR Register
This register indicates into which BAR and offset the MSI-X table is mapped.
PCI register offset: C4h
Register type: Read-Only
Default value: 0000 0002h
Table 8-87. PCI Register C4h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
Table 8-88. MSI-X Table Offset and BIR Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:3
TABLE_OFFSET
r
Table Offset. This field is set to 000h to indicate that the MSI-X Table
is at an offset of 0000h from the beginning of the BAR at offset 18h.
2:0
TABLE_BIR
r
Table BIR. This field is set to 010b to indicate that the MSI-X table is
mapped into the BAR at offset 18h.
8.1.59 MSI-X PBA Offset and BIR Register
This register indicates into which BAR and offset the MSI-X PBA is mapped.
PCI register offset: C8h
Register type: Read-Only
Default value: 0000 1000h
Table 8-89. PCI Register C8h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-90. MSI-X PBA Offset and BIR Register Descriptions
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:3
PBA_OFFSET
r
PBA Offset. This field is set to 200h to indicate that the MSI-X PBA is
at an offset of 1000h from the beginning of the BAR at offset 18h.
2:0
PBA_BIR
r
PBA BIR. This field is set to 010b to indicate that the MSI-X PBA is
mapped into the BAR at offset 18h.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
66
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com