Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 122 page
background image
8.1.22 Capability ID Register
This read-only register identifies the linked list item as the register for PCI Power management. The register
returns 01h when read.
PCI register offset: 40h
Register type: Read-only
Default value: 01h
Table 8-29. PCI Register 40h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
8.1.23 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the TUSB73X0.
This register reads 48h pointing to the MSI Capability registers.
PCI register offset: 41h
Register type: Read-only
Default value: 48h
Table 8-30. PCI Register 41h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
1
0
0
0
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com