Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 76 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 72Page - Texas Instruments TUSB7320 Datasheet HTML 73Page - Texas Instruments TUSB7320 Datasheet HTML 74Page - Texas Instruments TUSB7320 Datasheet HTML 75Page - Texas Instruments TUSB7320 Datasheet HTML 76Page - Texas Instruments TUSB7320 Datasheet HTML 77Page - Texas Instruments TUSB7320 Datasheet HTML 78Page - Texas Instruments TUSB7320 Datasheet HTML 79Page - Texas Instruments TUSB7320 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 122 page
background image
8.2.3 Next Capability Offset / Capability Version Register
This read-only register identifies the next location in the PCI Express Extended Capabilities link list. The upper
12 bits in this register shall be 150h, indicating that the Device Serial Number Capability starts at offset 150h.
The least significant four bits identify the revision of the current capability block as 2h.
PCI Express Extended Register Offset: 100h
Register type: Read-Only
Default value: 1502h
Table 8-109. PCI Express Extended Register 102h
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
1
0
1
0
1
0
0
0
0
0
0
1
0
8.2.4 Uncorrectable Error Status Register
The Uncorrectable Error Status Register reports the status of individual errors as they occur. Software may clear
these bits only by writing a 1 to the desired location.
PCI Express Extended Register Offset: 104h
Register type: Read-Only, Read/Clear
Default value: 0000 0000h
Table 8-110. PCI Express Extended Register 104h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-111. Custom PHY Transmit/Receive Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
r
Reserved. Returns zeros when read.
20
UR_ERROR(1)
rcu
Unsupported Request Error. This bit is asserted when an Unsupported
Request is received.
19
ECRC_ERROR(1)
rcu
Extended CRC Error. This bit is asserted when an Extended CRC error
is detected.
18
MAL_TLP(1)
rcu
Malformed TLP. This bit is asserted when a malformed TLP is detected.
17
RX_OVERFLOW(1)
rcu
Receiver Overflow. This bit is asserted when the flow control logic
detects that the transmitting device has illegally exceeded the number
of credits that were issued.
16
UNXP_CPL(1)
rcu
Unexpected Completion. This bit is asserted when a completion packet
is received that does not correspond to an issued request.
15
CPL_ABORT(1)
rcu
Completer Abort. This bit is asserted when the TUSB73X0 signals a
Completer Abort.
14
CPL_TIMEOUT(1)
rcu
Completion Timeout. This bit is asserted when no completion has been
received for an issued request before the timeout period.
13
FC_ERROR(1)
rcu
Flow Control Error. This bit is asserted when a flow control protocol error
is detected either during initialization or during normal operation.
12
PSN_TLP(1)
rcu
Poisoned TLP. This bit is asserted when a poisoned TLP is received.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
76
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com