Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
8.1.13 Base Address Register 2
This register is used to program the memory address used to access the MSI-X Table and PBA.
PCI register offset: 18h
Register type: Read/Write, Read-only
Default value: 0000 0004h
Table 8-18. PCI Register 18h
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
Table 8-19. Base Address Register 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:20
ADDRESS
rw
Memory Address. The lower 32 bits of the 64-bit memory address
field for the TUSB73X0 uses 19 read/write bits indicating that 8 MB of
memory space is required.
19:4
RSVD
r
Reserved. These bits are read-only and returns zeros when read.
3
PRE_FETCH
r
Prefetchable. This bit is read only 0 indicating that this memory window
is not prefetchable.
2:1
MEM_TYPE
r
Memory Type. This field is read only 10b indicating that this window can
be located anywhere in the 64-bit address space.
0
MEM_IND
r
Memory Space Indicator. This field returns 0 indicating that memory
space is used.
8.1.14 Base Address Register 3
This register is used to program the memory address used to access the MSI-X Table and PBA.
PCI register offset: 1Ch
Register type: Read/Write
Default value: 0000 0000h
Table 8-20. PCI Register 1Ch
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 8-21. Table 9
‑3 Base Address Register 3 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:0
ADDRESS
rw
Memory Address. This field indicates the upper 32 bits of the 64-bit
memory address for the TUSB73X0.
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com