Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 56 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments TUSB7320 Datasheet HTML 57Page - Texas Instruments TUSB7320 Datasheet HTML 58Page - Texas Instruments TUSB7320 Datasheet HTML 59Page - Texas Instruments TUSB7320 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
8.1.41 Device Status Register
The Device Status Register controls PCI Express device specific parameters.
PCI register offset: 7Ah
Register type: Read Only, Clear by a Write of One, Hardware Update
Default value: 00x0h
Table 8-57. PCI Register 7Ah
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
0
0
0
0
0
0
0
0
0
0
x
0
0
0
0
Table 8-58. Device Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:6
RSVD
r
Reserved. Return zeros when read.
5
PEND
ru
Transaction Pending.
4
APD
ru
AUX Power Detected. This bit indicates that AUX power is present.
0 – No AUX power detected. (AUX_DET pin is 0)
1 – AUX power detected. (AUX_DET pin is 1)
This bit is set based upon the state of the AUX_DET pin.
3
URD
rcu
Unsupported Request Detected.
2
FED
rcu
Fatal Error Detected.
1
NFED
rcu
Non-Fatal Error Detected.
0
CED
rcu
Correctable Error Detected.
8.1.42 Link Capabilities Register
The Link Capabilities Register indicates the link specific capabilities of the TUSB73X0.
PCI register offset: 7Ch
Register type: Read-only
Default value: 0007 xC12h
Table 8-59. PCI Register 7Ch
Bit
No.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reset
State
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
Bit
No.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reset
State
0
x
x
1
1
1
0
0
0
0
0
1
0
0
1
0
Table 8-60. Link Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
PORT_NUM
r
Port Number. This field indicates port number for the PCI Express link.
This field is read only 00h indicating that the Link is associated with port
zero.
23:19
RSVD
r
Reserved. Returns zeros when read.
18
CLK_PM
r
Clock Power Management. This bit is hardwired to 1 to indicate that the
TUSB73X0 supports Clock Power Management through the CLKREQ#
protocol.
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
56
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com