Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB7320 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB7320
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7320 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 2Page - Texas Instruments TUSB7320 Datasheet HTML 3Page - Texas Instruments TUSB7320 Datasheet HTML 4Page - Texas Instruments TUSB7320 Datasheet HTML 5Page - Texas Instruments TUSB7320 Datasheet HTML 6Page - Texas Instruments TUSB7320 Datasheet HTML 7Page - Texas Instruments TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
Table 4-1. Clock and Reset Signals (continued)
PIN
TYPE
DESCRIPTION
NAME
TUSB7320
TUSB7340
USB_SSTXP_DN2
A11
A11
O
USB SuperSpeed transmitter differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 2 SSTX differential
pair.
USB_SSTXN_DN2
B10
B10
O
USB SuperSpeed transmitter differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 2 SSTX differential
pair.
USB_SSRXP_DN2
B9
B9
I
USB SuperSpeed receiver differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 2 SSRX differential
pair.
USB_SSRXN_DN2
A10
A10
I
USB SuperSpeed receiver differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 2 SSRX differential
pair.
USB_DP_DN2
B12
B12
I/O
USB High-speed differential transceiver (positive).
USB_DM_DN2
A13
A13
I/O
USB High-speed differential transceiver (negative).
PWRON2#
B34
B34
O PD
USB DS Port 2 Power On Control for Downstream Power. The terminal is used
for control of the downstream power switch. If the PWRON_POLARITY bit is set
to 1, this pin is active high and the internal pull-down is disabled. This pin may be
at low impedance when power rails are removed.
OVERCUR2#
A37
A37
I PU
USB DS Port 2 Overcurrent Detection. 0: overcurrent detected; 1: overcurrent
not detected
USB_SSTXP_DN3
—
B28
O
USB SuperSpeed transmitter differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 3 SSTX differential
pair.
USB_SSTXN_DN3
—
A30
O
USB SuperSpeed transmitter differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 3 SSTX differential
pair.
USB_SSRXP_DN3
—
B27
I
USB SuperSpeed receiver differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 3 SSRX differential
pair.
USB_SSRXN_DN3
—
A29
I
USB SuperSpeed receiver differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 3 SSRX differential
pair.
USB_DP_DN3
—
B25
I/O
USB High-speed differential transceiver (positive).
USB_DM_DN3
—
A27
I/O
USB High-speed differential transceiver (negative).
PWRON3#
—
A46
O PD
USB DS Port 3 Power On Control for Downstream Power. The terminal is used
for control of the downstream power switch. If the PWRON_POLARITY bit is set
to 1, this pin is active high and the internal pull-down is disabled. This pin may be
at low impedance when power rails are removed.
OVERCUR3#
—
B43
I PU
USB DS Port 3 Overcurrent Detection. 0: overcurrent detected; 1: overcurrent
not detected
USB_SSTXP_DN4
—
B7
O
USB SuperSpeed transmitter differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 4 SSTX differential
pair.
USB_SSTXN_DN4
—
A8
O
USB SuperSpeed transmitter differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 4 SSTX differential
pair.
USB_SSRXP_DN4
—
B6
I
USB SuperSpeed receiver differential pair (positive). Note: When routing, it is
permissible to swap the positive and negative signals in Port 4 SSRX differential
pair.
USB_SSRXN_DN4
—
A7
I
USB SuperSpeed receiver differential pair (negative). Note: When routing, it is
permissible to swap the positive and negative signals in Port 4 SSRX differential
pair.
USB_DP_DN4
—
B5
I/O
USB High-speed differential transceiver (positive).
USB_DM_DN4
—
A5
I/O
USB High-speed differential transceiver (negative).
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com