Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 15Page - Texas Instruments TUSB8043AI Datasheet HTML 16Page - Texas Instruments TUSB8043AI Datasheet HTML 17Page - Texas Instruments TUSB8043AI Datasheet HTML 18Page - Texas Instruments TUSB8043AI Datasheet HTML 19Page - Texas Instruments TUSB8043AI Datasheet HTML 20Page - Texas Instruments TUSB8043AI Datasheet HTML 21Page - Texas Instruments TUSB8043AI Datasheet HTML 22Page - Texas Instruments TUSB8043AI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
19
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.3.4 One Time Programmable (OTP) Configuration
The TUSB8043A allows device configuration through one time programmable non-volatile memory (OTP). The
programming of the OTP is supported using vendor-defined USB device requests. For details using the OTP
features please contact your TI representative.
Table 4 provides a list features which may be configured using the OTP.
Table 4. OTP Configurable Features
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
REG_07h
[0]
Port removable configuration for downstream ports 1. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_07h
[1]
Port removable configuration for downstream ports 2. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_07h
[2]
Port removable configuration for downstream ports 3. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_07h
[3]
Port removable configuration for downstream ports 4. OTP
configuration is inverse of rmbl[3:0], i.e. 1 = not removable, 0 =
removable.
REG_08h
[3:0]
Port used Configured register.
REG_0Ah
[1]
Battery Charger Automatic Mode enable.
REG_0Ah
[4]
High-current divider mode enable.
REG_0Bh
[0]
USB 2.0 port polarity configuration for upstream port.
REG_0Bh
[1]
USB 2.0 port polarity configuration for downstream ports 1.
REG_0Bh
[2]
USB 2.0 port polarity configuration for downstream ports 2.
REG_0Bh
[3]
USB 2.0 port polarity configuration for downstream ports 3.
REG_0Bh
[4]
USB 2.0 port polarity configuration for downstream ports 4.
REG_25h
[4:0]
Device Configuration Register 3
REG_26h
[3:0]
USB2.0 Only Port Register
REG_F0h
[3:1]
USB BC power switch power off duration during automode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com