Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 29 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 25Page - Texas Instruments TUSB8043AI Datasheet HTML 26Page - Texas Instruments TUSB8043AI Datasheet HTML 27Page - Texas Instruments TUSB8043AI Datasheet HTML 28Page - Texas Instruments TUSB8043AI Datasheet HTML 29Page - Texas Instruments TUSB8043AI Datasheet HTML 30Page - Texas Instruments TUSB8043AI Datasheet HTML 31Page - Texas Instruments TUSB8043AI Datasheet HTML 32Page - Texas Instruments TUSB8043AI Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
29
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.8 Battery Charging Support Register
Figure 9. Register Offset 6h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 13. Bit Descriptions – Battery Charging Support Register
Bit
Field
Type
Description
7:4
RSVD
RO
Reserved. Read only, returns 0 when read.
3:0
batEn[3:0]
RW
Battery Charger Support. The bits in this field indicate whether the
downstream port implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
Each bit corresponds directly to a downstream port, i.e. batEn0
corresponds to downstream port 1, and batEN1 corresponds to
downstream port 2.
The default value for these bits are loaded at the de-assertion of reset
with the value of PWRCTL/BATEN[3:0].
When in I2C/SMBus mode the bits in this field may be over-written by
EEPROM contents or by an SMBus host.
8.5.9 Device Removable Configuration Register
Figure 10. Register Offset 7h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
X
X
X
X
Table 14. Bit Descriptions – Device Removable Configuration Register
Bit
Field
Type
Description
7
customRmbl
RW
Custom Removable. This bit controls selection of port removable bits,
port used bits, and USB2_ONLY bits.
0 = rmbl[3:0], used[3:0], and USB2_ONLY[3:0] are read only and the
values are loaded from the OTP ROM
1 = rmbl[3:0], used[3:0], and USB2_ONLY[3:0] are read/write and can
be loaded by EEPROM or written by SMBus
This bit may be written simultaneously with rmbl[3:0].
6:4
RSVD
RO
Reserved. Read only, returns 0 when read.
3:0
rmbl[3:0]
RO/RW
Removable. The bits in this field indicate whether a device attached to
downstream ports 4 through 1 are removable or permanently attached.
0 = The device attached to the port is not removable
1 = The device attached to the port is removable
Each bit corresponds directly to a downstream port n + 1, i.e. rmbl0
corresponds to downstream port 1, rmbl1 corresponds to downstream
port 2, etc.
This field is read only unless the customRmbl bit is set to 1. Otherwise
the value of this filed reflects the inverted values of the OTP ROM
non_rmb[3:0] field.
8.5.10 Port Used Configuration Register
Figure 11. Register Offset 8h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com