Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 4 Page - Texas Instruments

  TUSB8043AI Datasheet HTML 1Page - Texas Instruments TUSB8043AI Datasheet HTML 2Page - Texas Instruments TUSB8043AI Datasheet HTML 3Page - Texas Instruments TUSB8043AI Datasheet HTML 4Page - Texas Instruments TUSB8043AI Datasheet HTML 5Page - Texas Instruments TUSB8043AI Datasheet HTML 6Page - Texas Instruments TUSB8043AI Datasheet HTML 7Page - Texas Instruments TUSB8043AI Datasheet HTML 8Page - Texas Instruments TUSB8043AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
1
USB_DP_DN1
48
USB_VBUS
2
USB_DM_DN1
47
OVERCUR2z
3
USB_SSTXP_DN1
46
OVERCUR1z
4
USB_SSTXM_DN1
45
AUTOENz/HS_SUSPEND
5
VDD
44
OVERCUR3z
6
USB_SSRXP_DN1
43
OVERCUR4z
7
USB_SSRXM_DN1
42
GANGED/SMBA2/HS_UP
8
VDD
41
PWRCTL_POL
9
USB_DP_DN2
40
FULLPWRMGMTz/SMBA1/SS_UP
10
USB_DM_DN2
39
SMBUSz/SS_SUSPEND
11
USB_SSTXP_DN2
38
SCL/SMBCLK
12
USB_SSTXM_DN2
37
SDA/SMBDAT
13
VDD
36
PWRCTL1/BATEN1
14
USB_SSRXP_DN2
35
PWRCTL2/BATEN2
15
USB_SSRXM_DN2
34
VDD33
16
VDD33
33
PWRCTL3/BATEN3
Not to scale
Thermal
Pad
4
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
RGC Package
64 Pin (VQFN)
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Clock and Reset Signals
GRSTz
50
I, PU
Global power reset. This reset brings all of the TUSB8043A internal registers to their default
states. When GRSTz is asserted, the device is completely nonfunctional.
XI
62
I
Crystal input. This pin is the crystal input for the internal oscillator. The input may alternately
be driven by the output of an external oscillator. When using a crystal a 1-M
Ω feedback
resistor is required between XI and XO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com