Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 3Page - Texas Instruments TUSB8043AI Datasheet HTML 4Page - Texas Instruments TUSB8043AI Datasheet HTML 5Page - Texas Instruments TUSB8043AI Datasheet HTML 6Page - Texas Instruments TUSB8043AI Datasheet HTML 7Page - Texas Instruments TUSB8043AI Datasheet HTML 8Page - Texas Instruments TUSB8043AI Datasheet HTML 9Page - Texas Instruments TUSB8043AI Datasheet HTML 10Page - Texas Instruments TUSB8043AI Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
7
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SCL/SMBCLK
38
I/O, PD
I2C clock/SMBus clock. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial clock interface for an I2C EEPROM.
When SMBUSz = 0, this pin acts as the serial clock interface for an SMBus host.
Can be left unconnected if external interface not implemented.
SDA/SMBDAT
37
I/O, PD
I2C data/SMBus data. Function of pin depends on the setting of the SMBUSz input.
When SMBUSz = 1, this pin acts as the serial data interface for an I2C EEPROM.
When SMBUSz = 0, this pin acts as the serial data interface for an SMBus host.
Can be left unconnected if external interface not implemented.
SMBUSz/SS_SUSPEND
39
I/O, PU
I2C/SMBus mode select/SuperSpeed USB Suspend Status. The value of the pin is sampled
at the de-assertion of reset set I2C or SMBus mode as follows:
1 = I2C Mode Selected
0 = SMBus Mode Selected
Can be left unconnected if external interface not implemented.
After reset, this signal indicates the SuperSpeed USB Suspend status of the upstream port if
enabled through the stsOutputEn bit in the Additional Feature Configuration register. When
enabled, a value of 1 indicates the connection is suspended.
Test and Miscellaneous Signals
FULLPWRMGMTz/FULL
AUTOz/SMBA1/SS_UP
40
I/O, PD
Full power management enable/SMBus address bit 1/SuperSpeed USB Connection Status
Upstream port.
The value of the pin is sampled at the de-assertion of reset to set the power switch control
follows:
0 = Power switching and over current inputs supported
1 = Power switching and over current inputs not supported
Full power management is the ability to control power to the downstream ports of the
TUSB8043A using PWRCTL[4:1]/BATEN[4:1].
If BATENx = 1 on any port, full power management must be enabled so the value of the
terminal is sampled at the de-assertion to initialize the value of the FULLAUTOz bit.
When AUTOENz = 0 and FULLAUTOz = 0: all ACP modes are supported.
When AUTOENz = 0 and FULLAUTOz = 1:only highest current ACP mode is used in auto
mode.
When SMBus mode is enabled, this pin sets the value of the SMBus slave address bit 1.
Can be left unconnected if full power management and SMBus are not implemented.
After reset, this signal indicates the SuperSpeed USB connection status of the upstream port
if enabled through the stsOutputEn bit in the Additional Feature Configuration register. When
enabled a value of 1 indicates the upstream port is connected to a SuperSpeed USB capable
port.
Note: Power switching must be supported for battery charging applications.
PWRCTL_POL
41
I/O, PU
Power Control Polarity.
The value of the pin is sampled at the de-assertion of reset to set the polarity of
PWRCTL[4:1].
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com