Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 38Page - Texas Instruments TUSB8043AI Datasheet HTML 39Page - Texas Instruments TUSB8043AI Datasheet HTML 40Page - Texas Instruments TUSB8043AI Datasheet HTML 41Page - Texas Instruments TUSB8043AI Datasheet HTML 42Page - Texas Instruments TUSB8043AI Datasheet HTML 43Page - Texas Instruments TUSB8043AI Datasheet HTML 44Page - Texas Instruments TUSB8043AI Datasheet HTML 45Page - Texas Instruments TUSB8043AI Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
POPULATE
FOR BC SUPPORT
USB_SSRXP_DN2
USB_SSRXM_DN2
CAP_DN2_TXP
CAP_DN2_TXM
VBUS_DS2
USB_DP_DN2
USB_DM_DN2
USB_SSTXM_DN2
USB_SSTXP_DN2
DN2_VBUS
BOARD_3P3V
DN2_VBUS
OVERCUR2Z
PWRCTRL2_BATEN2
J3
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
C11
0.1uF
C14
0.1uF
C15
0.001uF
FB2
220 at 100MHZ
R9
1M
0402
5%
C13
0.1uF 0201
C12
0.1uF 0201
R8
4.7K
0402
5%
TUSB8043A
U1C
PWRCTL2/BATEN2
35
OVERCUR2
47
USB_DP_DN2
9
USB_DM_DN2
10
USB_SSTXP_DN2
11
USB_SSTXM_DN2
12
USB_SSRXP_DN2
14
USB_SSRXM_DN2
15
POPULATE
FOR BC SUPPORT
DN1_VBUS
VBUS_DS1
USB_SSTXP_DN1
USB_SSRXM_DN1
CAP_DN_TXM1
USB_SSRXP_DN1
CAP_DN_TXP1
USB_DM_DN1
USB_DP_DN1
USB_SSTXM_DN1
BOARD_3P3V
DN1_VBUS
PWRCTRL1_BATEN1
OVERCUR1Z
C6
0.1uF
C9
0.001uF
C7
0.1uF 0201
C8
0.1uF 0201
J2
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
TUSB8043A
U1B
PWRCTL1/BATEN1
36
OVERCUR1
46
USB_DP_DN1
1
USB_DM_DN1
2
USB_SSTXP_DN1
3
USB_SSTXM_DN1
4
USB_SSRXP_DN1
6
USB_SSRXM_DN1
7
C10
0.1uF
R6
4.7K
0402
5%
FB1
220 at 100MHZ
R7
1M
0402
5%
42
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9.2.1.2.2
Downstream Port 1 Implementation
The downstream port 1 of the TUSB8043A is connected to a USB3 Type A connector. With BATEN1 pin pulled
up, Battery Charge support is enabled for Port 1. If Battery Charge support is not needed, then pull-up resistor on
BATEN1 should be uninstalled.
Figure 29. Downstream Port 1 Implementation
9.2.1.2.3
Downstream Port 2 Implementation
The downstream port 2 of the TUSB8043A is connected to a USB3 Type A connector. With BATEN2 pin pulled
up, Battery Charge support is enabled for Port 2. If Battery Charge support is not needed, then pull-up resistor on
BATEN2 should be uninstalled. For ferrite bead used on the VBUS connection, a lower resistance is
recommended due to noticeable IR drop during high current charging modes. The isolation between the Type-A
connectors shield ground and signal ground pins is not required. Some applications may have better ESD/EMI
performance when the grounds are shorted together.
Figure 30. Downstream Port 2 Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com