Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 34 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 30Page - Texas Instruments TUSB8043AI Datasheet HTML 31Page - Texas Instruments TUSB8043AI Datasheet HTML 32Page - Texas Instruments TUSB8043AI Datasheet HTML 33Page - Texas Instruments TUSB8043AI Datasheet HTML 34Page - Texas Instruments TUSB8043AI Datasheet HTML 35Page - Texas Instruments TUSB8043AI Datasheet HTML 36Page - Texas Instruments TUSB8043AI Datasheet HTML 37Page - Texas Instruments TUSB8043AI Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
34
TUSB8043A
SLLSF94 – JUNE 2019
www.ti.com
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.16 Serial Number String Length Register
Figure 17. Register Offset 22h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
1
1
0
0
0
Table 21. Bit Descriptions – Serial Number String Length Register
Bit
Field
Type
Description
7:6
RSVD
RO
Reserved. Read only, returns 0 when read.
5:0
serNumStringLen
RO/RW
Serial number string length. The string length in bytes for the serial
number string. The default value is 18h indicating that a 24 byte serial
number string is supported. The maximum string length is 32 bytes.
When customSernum is 1, this field may be over-written by the
contents of an attached EEPROM or by an SMBus host.
When the field is non-zero, a serial number string of
serNumbStringLen bytes is returned at string index 1 from the data
contained in the Serial Number String registers.
8.5.17 Manufacturer String Length Register
Figure 18. Register Offset 23h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 22. Bit Descriptions – Manufacturer String Length Register
Bit
Field
Type
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
mfgStringLen
RO/RW
Manufacturer string length. The string length in bytes for the
manufacturer string. The default value is 0, indicating that a
manufacturer string is not provided. The maximum string length is 64
bytes.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a manufacturer string of mfgStringLen
bytes is returned at string index 3 from the data contained in the
Manufacturer String registers.
8.5.18 Product String Length Register
Figure 19. Register Offset 24h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 23. Bit Descriptions – Product String Length Register
Bit
Field
Type
Description
7
RSVD
RO
Reserved. Read only, returns 0 when read.
6:0
prodStringLen
RO/RW
Product string length. The string length in bytes for the product string.
The default value is 0, indicating that a product string is not provided.
The maximum string length is 64 bytes.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
When the field is non-zero, a product string of prodStringLen bytes is
returned at string index 3 from the data contained in the Product String
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com