Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB8043AI Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB8043AI
Description  TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB8043AI Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB8043AI Datasheet HTML 29Page - Texas Instruments TUSB8043AI Datasheet HTML 30Page - Texas Instruments TUSB8043AI Datasheet HTML 31Page - Texas Instruments TUSB8043AI Datasheet HTML 32Page - Texas Instruments TUSB8043AI Datasheet HTML 33Page - Texas Instruments TUSB8043AI Datasheet HTML 34Page - Texas Instruments TUSB8043AI Datasheet HTML 35Page - Texas Instruments TUSB8043AI Datasheet HTML 36Page - Texas Instruments TUSB8043AI Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
33
TUSB8043A
www.ti.com
SLLSF94 – JUNE 2019
Product Folder Links: TUSB8043A
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.5.13 UUID Registers
Figure 14. Register Offset 10h-1Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
X
X
X
X
X
X
X
X
Table 18. Bit Descriptions – UUID Byte N Register
Bit
Field
Type
Description
7:0
uuidByte[n]
RO
UUID byte N. The UUID returned in the Container ID descriptor. The
value of this register is provided by the device and is meets the UUID
requirements of Internet Engineering Task Force (IETF) RFC 4122 A
UUID URN Namespace.
8.5.14 Language ID LSB Register
Figure 15. Register Offset 20h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
1
0
0
1
Table 19. Bit Descriptions – Language ID LSB Register
Bit
Field
Type
Description
7:0
langIdLsb
RO/RW
Language ID least significant byte. This register contains the value
returned in the LSB of the LANGID code in string index 0. The
TUSB8043A only supports one language ID. The default value of this
register is 09h representing the LSB of the LangID 0409h indicating
English United States.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.
8.5.15 Language ID MSB Register
Figure 16. Register Offset 21h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Table 20. Bit Descriptions – Language ID MSB Register
Bit
Field
Type
Description
7:0
langIdMsb
RO/RW
Language ID most significant byte. This register contains the value
returned in the MSB of the LANGID code in string index 0. The
TUSB8043A only supports one language ID. The default value of this
register is 04h representing the MSB of the LangID 0409h indicating
English United States.
When customStrings is 1, this field may be over-written by the contents
of an attached EEPROM or by an SMBus host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com