Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 2 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 2 Page - Texas Instruments

  TDA2SXABC Datasheet HTML 1Page - Texas Instruments TDA2SXABC Datasheet HTML 2Page - Texas Instruments TDA2SXABC Datasheet HTML 3Page - Texas Instruments TDA2SXABC Datasheet HTML 4Page - Texas Instruments TDA2SXABC Datasheet HTML 5Page - Texas Instruments TDA2SXABC Datasheet HTML 6Page - Texas Instruments TDA2SXABC Datasheet HTML 7Page - Texas Instruments TDA2SXABC Datasheet HTML 8Page - Texas Instruments TDA2SXABC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 427 page
background image
2
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Device Overview
Copyright © 2015–2019, Texas Instruments Incorporated
1.2
Applications
•
Mono, Stereo or Tri-Optic Front Camera
–
Object detection
–
Pedestrian detection
–
Traffic sign recognition
–
Lane detection and departure warning
–
Automatic emergency braking
–
Adaptive cruise control
–
Forward collision warning
–
High beam assist
•
LVDS or ethernet surround view
–
2D surround view
–
3D surround view
–
Rear object detection
–
Parking assist
–
Pedestrian detection
–
Lane tracking
–
Drive recording
•
Sensor fusion – vision, radar, ultrasonic, lidar
sensors
–
Object data fusion
–
Raw data fusion
(1)
For more information, see , Mechanical, Packaging, and Orderable Information.
1.3
Description
TI’s new TDA2x System-on-Chip (SoC) is a highly optimized and scalable family of devices designed to
meet the requirements of leading Advanced Driver Assistance Systems (ADAS). The TDA2x family
enables broad ADAS applications in automobiles by integrating an optimal mix of performance, low power
and ADAS vision analytics processing that aims to facilitate a more autonomous and collision-free driving
experience.
The TDA2x SoC enables sophisticated embedded vision technology in automobiles by broadest range of
ADAS applications including front camera, park assist, surround view and sensor fusion on a single
architecture.
The TDA2x SoC incorporates a heterogeneous, scalable architecture that includes a mix of TI’s fixed and
floating-point TMS320C66x digital signal processor (DSP) generation cores, Vision AccelerationPac, Arm®
Cortex®-A15 MPCore™ and dual-Cortex-M4 processors. The integration of a video accelerator for
decoding multiple video streams over an Ethernet AVB network, along with graphics accelerators for
rendering virtual views, enable a 3D viewing experience. And the TDA2x SoC also integrates a host of
peripherals including multi-camera interfaces (both parallel and serial) for LVDS-based surround view
systems, displays, CAN and GigB Ethernet AVB.
The Vision AccelerationPac for this family of products includes multiple embedded vision engines (EVEs)
offloading the vision analytics functionality from the application processor while also reducing the power
footprint. The Vision AccelerationPac is optimized for vision processing with a 32-bit RISC core for
efficient program execution and a vector coprocessor for specialized vision processing.
Additionally, TI provides a complete set of development tools for the Arm, DSP, and EVE coprocessor,
including C compilers, a DSP assembly optimizer to simplify programming and scheduling, and a
debugging interface for visibility into source code execution.
The TDA2x ADAS processor is qualified according to the AEC-Q100 standard.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TDA2SXABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2SGABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2SAABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2HGABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2HVABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2HFABC
FCBGA (760)
23.0 mm × 23.0 mm
TDA2LFABC
FCBGA (760)
23.0 mm × 23.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com