Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 96 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 96 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments TDA2SXABC Datasheet HTML 94Page - Texas Instruments TDA2SXABC Datasheet HTML 95Page - Texas Instruments TDA2SXABC Datasheet HTML 96Page - Texas Instruments TDA2SXABC Datasheet HTML 97Page - Texas Instruments TDA2SXABC Datasheet HTML 98Page - Texas Instruments TDA2SXABC Datasheet HTML 99Page - Texas Instruments TDA2SXABC Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 427 page
background image
96
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-4. VIP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vin1a_d2
Video Input 1 Port A Data input
I
AG7
vin1a_d3
Video Input 1 Port A Data input
I
AH6
vin1a_d4
Video Input 1 Port A Data input
I
AH3
vin1a_d5
Video Input 1 Port A Data input
I
AH5
vin1a_d6
Video Input 1 Port A Data input
I
AG6
vin1a_d7
Video Input 1 Port A Data input
I
AH4
vin1a_d8
Video Input 1 Port A Data input
I
AG4
vin1a_d9
Video Input 1 Port A Data input
I
AG2
vin1a_d10
Video Input 1 Port A Data input
I
AG3
vin1a_d11
Video Input 1 Port A Data input
I
AG5
vin1a_d12
Video Input 1 Port A Data input
I
AF2
vin1a_d13
Video Input 1 Port A Data input
I
AF6
vin1a_d14
Video Input 1 Port A Data input
I
AF3
vin1a_d15
Video Input 1 Port A Data input
I
AF4
vin1a_d16
Video Input 1 Port A Data input
I
AF1
vin1a_d17
Video Input 1 Port A Data input
I
AE3
vin1a_d18
Video Input 1 Port A Data input
I
AE5
vin1a_d19
Video Input 1 Port A Data input
I
AE1
vin1a_d20
Video Input 1 Port A Data input
I
AE2
vin1a_d21
Video Input 1 Port A Data input
I
AE6
vin1a_d22
Video Input 1 Port A Data input
I
AD2
vin1a_d23
Video Input 1 Port A Data input
I
AD3
vin1b_hsync1
Video Input 1 Port B Horizontal Sync input
I
N6/ AD9
vin1b_vsync1
Video Input 1 Port B Vertical Sync input
I
AF9
vin1b_fld1
Video Input 1 Port B Field ID input
I
AE9
vin1b_de1
Video Input 1 Port B Data Enable input
I
AF8/ M4
vin1b_clk1
Video Input 1 Port B Clock input
I
AH7
vin1b_d0
Video Input 1 Port B Data input
I
AF4/ AD3
vin1b_d1
Video Input 1 Port B Data input
I
AF3/ AD2
vin1b_d2
Video Input 1 Port B Data input
I
AF6/ AE6
vin1b_d3
Video Input 1 Port B Data input
I
AF2/ AE2
vin1b_d4
Video Input 1 Port B Data input
I
AG5/ AE1
vin1b_d5
Video Input 1 Port B Data input
I
AG3/ AE5
vin1b_d6
Video Input 1 Port B Data input
I
AG2/ AE3
vin1b_d7
Video Input 1 Port B Data input
I
AG4/ AF1
Video Input 2 (VIP1)
vin2a_clk0
Video Input 2 Port A Clock input.
I
E1 / V1
vin2a_de0
Video Input 2 Port A Data Enable input
I
G2 / V7
vin2a_fld0
Video Input 2 Port A Field ID input
I
G2 / H7 / W2
vin2a_hsync0
Video Input 2 Port A Horizontal Sync input
I
G1 / U7
vin2a_vsync0
Video Input 2 Port A Vertical Sync input
I
G6 / V6
vin2a_d0
Video Input 2 Port A Data input
I
F2 / U4
vin2a_d1
Video Input 2 Port A Data input
I
F3 / V2
vin2a_d2
Video Input 2 Port A Data input
I
D1 / Y1
vin2a_d3
Video Input 2 Port A Data input
I
E2 / W9
vin2a_d4
Video Input 2 Port A Data input
I
D2 / V9
vin2a_d5
Video Input 2 Port A Data input
I
F4 / U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com