Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 86 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 86 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 82Page - Texas Instruments TDA2SXABC Datasheet HTML 83Page - Texas Instruments TDA2SXABC Datasheet HTML 84Page - Texas Instruments TDA2SXABC Datasheet HTML 85Page - Texas Instruments TDA2SXABC Datasheet HTML 86Page - Texas Instruments TDA2SXABC Datasheet HTML 87Page - Texas Instruments TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
86
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1524
CTRL_CORE_PAD_V
IN1A_D12
AF2
vin1a_d12
vin1b_d3
usb3_ulpi_d7
vout3_d11
gpmc_a24
gpio3_16
Driver off
0x1528
CTRL_CORE_PAD_V
IN1A_D13
AF6
vin1a_d13
vin1b_d2
usb3_ulpi_d6
vout3_d10
gpmc_a25
gpio3_17
Driver off
0x152C
CTRL_CORE_PAD_V
IN1A_D14
AF3
vin1a_d14
vin1b_d1
usb3_ulpi_d5
vout3_d9
gpmc_a26
gpio3_18
Driver off
0x1530
CTRL_CORE_PAD_V
IN1A_D15
AF4
vin1a_d15
vin1b_d0
usb3_ulpi_d4
vout3_d8
gpmc_a27
gpio3_19
Driver off
0x1534
CTRL_CORE_PAD_V
IN1A_D16
AF1
vin1a_d16
vin1b_d7
usb3_ulpi_d3
vout3_d7
vin3a_d0
gpio3_20
Driver off
0x1538
CTRL_CORE_PAD_V
IN1A_D17
AE3
vin1a_d17
vin1b_d6
usb3_ulpi_d2
vout3_d6
vin3a_d1
gpio3_21
Driver off
0x153C
CTRL_CORE_PAD_V
IN1A_D18
AE5
vin1a_d18
vin1b_d5
usb3_ulpi_d1
vout3_d5
vin3a_d2
gpio3_22
Driver off
0x1540
CTRL_CORE_PAD_V
IN1A_D19
AE1
vin1a_d19
vin1b_d4
usb3_ulpi_d0
vout3_d4
vin3a_d3
gpio3_23
Driver off
0x1544
CTRL_CORE_PAD_V
IN1A_D20
AE2
vin1a_d20
vin1b_d3
usb3_ulpi_nxt
vout3_d3
vin3a_d4
gpio3_24
Driver off
0x1548
CTRL_CORE_PAD_V
IN1A_D21
AE6
vin1a_d21
vin1b_d2
usb3_ulpi_dir
vout3_d2
vin3a_d5
gpio3_25
Driver off
0x154C
CTRL_CORE_PAD_V
IN1A_D22
AD2
vin1a_d22
vin1b_d1
usb3_ulpi_stp
vout3_d1
vin3a_d6
gpio3_26
Driver off
0x1550
CTRL_CORE_PAD_V
IN1A_D23
AD3
vin1a_d23
vin1b_d0
usb3_ulpi_clk
vout3_d0
vin3a_d7
gpio3_27
Driver off
0x1554
CTRL_CORE_PAD_V
IN2A_CLK0
E1
vin2a_clk0
vout2_fld
emu5
eQEP1A_in
gpio3_28
Driver off
0x1558
CTRL_CORE_PAD_V
IN2A_DE0
G2
vin2a_de0
vin2a_fld0
vin2b_fld1
vin2b_de1
vout2_de
emu6
eQEP1B_in
gpio3_29
Driver off
0x155C
CTRL_CORE_PAD_V
IN2A_FLD0
H7
vin2a_fld0
vin2b_clk1
vout2_clk
emu7
eQEP1_index gpio3_30
Driver off
0x1560
CTRL_CORE_PAD_V
IN2A_HSYNC0
G1
vin2a_hsync0
vin2b_hsync1 vout2_hsync
emu8
uart9_rxd
spi4_sclk
eQEP1_strob
e
gpio3_31
Driver off
0x1564
CTRL_CORE_PAD_V
IN2A_VSYNC0
G6
vin2a_vsync0
vin2b_vsync1 vout2_vsync
emu9
uart9_txd
spi4_d1
ehrpwm1A
gpio4_0
Driver off
0x1568
CTRL_CORE_PAD_V
IN2A_D0
F2
vin2a_d0
vout2_d23
emu10
uart9_ctsn
spi4_d0
ehrpwm1B
gpio4_1
Driver off
0x156C
CTRL_CORE_PAD_V
IN2A_D1
F3
vin2a_d1
vout2_d22
emu11
uart9_rtsn
spi4_cs0
ehrpwm1_trip
zone_input
gpio4_2
Driver off
0x1570
CTRL_CORE_PAD_V
IN2A_D2
D1
vin2a_d2
vout2_d21
emu12
uart10_rxd
eCAP1_in_P
WM1_out
gpio4_3
Driver off
0x1574
CTRL_CORE_PAD_V
IN2A_D3
E2
vin2a_d3
vout2_d20
emu13
uart10_txd
ehrpwm1_syn
ci
gpio4_4
Driver off
0x1578
CTRL_CORE_PAD_V
IN2A_D4
D2
vin2a_d4
vout2_d19
emu14
uart10_ctsn
ehrpwm1_syn
co
gpio4_5
Driver off
0x157C
CTRL_CORE_PAD_V
IN2A_D5
F4
vin2a_d5
vout2_d18
emu15
uart10_rtsn
eQEP2A_in
gpio4_6
Driver off
0x1580
CTRL_CORE_PAD_V
IN2A_D6
C1
vin2a_d6
vout2_d17
emu16
mii1_rxd1
eQEP2B_in
gpio4_7
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com