Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 85 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 85 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 81Page - Texas Instruments TDA2SXABC Datasheet HTML 82Page - Texas Instruments TDA2SXABC Datasheet HTML 83Page - Texas Instruments TDA2SXABC Datasheet HTML 84Page - Texas Instruments TDA2SXABC Datasheet HTML 85Page - Texas Instruments TDA2SXABC Datasheet HTML 86Page - Texas Instruments TDA2SXABC Datasheet HTML 87Page - Texas Instruments TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
85
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x14C4
CTRL_CORE_PAD_
GPMC_ADVN_ALE
N1
gpmc_advn_al
e
gpmc_cs6
clkout2
gpmc_wait1
vin4a_vsync0 gpmc_a2
gpmc_a23
timer3
i2c3_sda
dma_evt2
gpio2_23
Driver off
0x14C8
CTRL_CORE_PAD_
GPMC_OEN_REN
M5
gpmc_oen_re
n
gpio2_24
Driver off
0x14CC
CTRL_CORE_PAD_
GPMC_WEN
M3
gpmc_wen
gpio2_25
Driver off
0x14D0
CTRL_CORE_PAD_
GPMC_BEN0
N6
gpmc_ben0
gpmc_cs4
vin1b_hsync1
vin3b_de1
timer2
dma_evt3
gpio2_26
Driver off
0x14D4
CTRL_CORE_PAD_
GPMC_BEN1
M4
gpmc_ben1
gpmc_cs5
vin1b_de1
vin3b_clk1
gpmc_a3
vin3b_fld1
timer1
dma_evt4
gpio2_27
Driver off
0x14D8
CTRL_CORE_PAD_
GPMC_WAIT0
N2
gpmc_wait0
gpio2_28
Driver off
0x14DC
CTRL_CORE_PAD_V
IN1A_CLK0
AG8
vin1a_clk0
vout3_d16
vout3_fld
gpio2_30
Driver off
0x14E0
CTRL_CORE_PAD_V
IN1B_CLK1
AH7
vin1b_clk1
vin3a_clk0
gpio2_31
Driver off
0x14E4
CTRL_CORE_PAD_V
IN1A_DE0
AD9
vin1a_de0
vin1b_hsync1
vout3_d17
vout3_de
uart7_rxd
timer16
spi3_sclk
eQEP1A_in
gpio3_0
Driver off
0x14E8
CTRL_CORE_PAD_V
IN1A_FLD0
AF9
vin1a_fld0
vin1b_vsync1
vout3_clk
uart7_txd
timer15
spi3_d1
eQEP1B_in
gpio3_1
Driver off
0x14EC
CTRL_CORE_PAD_V
IN1A_HSYNC0
AE9
vin1a_hsync0 vin1b_fld1
vout3_hsync
uart7_ctsn
timer14
spi3_d0
eQEP1_index gpio3_2
Driver off
0x14F0
CTRL_CORE_PAD_V
IN1A_VSYNC0
AF8
vin1a_vsync0 vin1b_de1
vout3_vsync
uart7_rtsn
timer13
spi3_cs0
eQEP1_strob
e
gpio3_3
Driver off
0x14F4
CTRL_CORE_PAD_V
IN1A_D0
AE8
vin1a_d0
vout3_d7
vout3_d23
uart8_rxd
ehrpwm1A
gpio3_4
Driver off
0x14F8
CTRL_CORE_PAD_V
IN1A_D1
AD8
vin1a_d1
vout3_d6
vout3_d22
uart8_txd
ehrpwm1B
gpio3_5
Driver off
0x14FC
CTRL_CORE_PAD_V
IN1A_D2
AG7
vin1a_d2
vout3_d5
vout3_d21
uart8_ctsn
ehrpwm1_trip
zone_input
gpio3_6
Driver off
0x1500
CTRL_CORE_PAD_V
IN1A_D3
AH6
vin1a_d3
vout3_d4
vout3_d20
uart8_rtsn
eCAP1_in_P
WM1_out
gpio3_7
Driver off
0x1504
CTRL_CORE_PAD_V
IN1A_D4
AH3
vin1a_d4
vout3_d3
vout3_d19
ehrpwm1_syn
ci
gpio3_8
Driver off
0x1508
CTRL_CORE_PAD_V
IN1A_D5
AH5
vin1a_d5
vout3_d2
vout3_d18
ehrpwm1_syn
co
gpio3_9
Driver off
0x150C
CTRL_CORE_PAD_V
IN1A_D6
AG6
vin1a_d6
vout3_d1
vout3_d17
eQEP2A_in
gpio3_10
Driver off
0x1510
CTRL_CORE_PAD_V
IN1A_D7
AH4
vin1a_d7
vout3_d0
vout3_d16
eQEP2B_in
gpio3_11
Driver off
0x1514
CTRL_CORE_PAD_V
IN1A_D8
AG4
vin1a_d8
vin1b_d7
vout3_d15
eQEP2_index gpio3_12
Driver off
0x1518
CTRL_CORE_PAD_V
IN1A_D9
AG2
vin1a_d9
vin1b_d6
vout3_d14
eQEP2_strob
e
gpio3_13
Driver off
0x151C
CTRL_CORE_PAD_V
IN1A_D10
AG3
vin1a_d10
vin1b_d5
vout3_d13
gpio3_14
Driver off
0x1520
CTRL_CORE_PAD_V
IN1A_D11
AG5
vin1a_d11
vin1b_d4
vout3_d12
gpmc_a23
gpio3_15
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com