Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 74 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 74 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 70Page - Texas Instruments TDA2SXABC Datasheet HTML 71Page - Texas Instruments TDA2SXABC Datasheet HTML 72Page - Texas Instruments TDA2SXABC Datasheet HTML 73Page - Texas Instruments TDA2SXABC Datasheet HTML 74Page - Texas Instruments TDA2SXABC Datasheet HTML 75Page - Texas Instruments TDA2SXABC Datasheet HTML 76Page - Texas Instruments TDA2SXABC Datasheet HTML 77Page - Texas Instruments TDA2SXABC Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
74
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
E11
vout1_vsync
vout1_vsync
Yes / No
0
O
PD
PD
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
vin4a_vsync0
Yes / No
3
I
0
vin3a_vsync0
Yes / No
4
I
0
spi3_sclk
8
IO
0
gpio4_23
14
IO
Driver off
15
I
A1, A14, A2, A23,
A28, A6, AA10,
AA14, AA15, AA20,
AA8, AA9, AB14,
AB20, AD1, AD24,
AG1, AH1, AH2,
AH20, AH28, AH8,
B1, D13, D19, E13,
E19, F1, F7, G7,
G8, G9, H12, J12,
J15, J28, K1, K15,
K24, K25, K4, K5,
L13, L14, M19,
N14, N15, N19,
N24, N25, P28, R1,
R12, R13, R15,
R21, T10, T11,
T12, T14, T15,
T17, T18, T21,
U15, U17, U20,
U21, V15, V17,
W1, W15, W24,
W25, W28
vss
vss
GND
AD19, AE19
vssa_hdmi
vssa_hdmi
GND
AF15
vssa_osc0
vssa_osc0
GND
AC14
vssa_osc1
vssa_osc1
GND
AD13, AE13
vssa_pcie
vssa_pcie
GND
AE10
vssa_sata
vssa_sata
GND
AA11, AB11
vssa_usb
vssa_usb
GND
AD10
vssa_usb3
vssa_usb3
GND
U14
vssa_video
vssa_video
GND
AD17
Wakeup0
Wakeup0
0
I
OFF
OFF
15
1.8/3.3
vddshv5
Yes
IHHV1833
PU/PD
dcan1_rx
1
I
1
gpio1_0
14
I
Driver off
15
I
AC17
Wakeup1
Wakeup1
0
I
OFF
OFF
15
1.8/3.3
vddshv5
Yes
IHHV1833
PU/PD
dcan2_rx
1
I
1
gpio1_1
14
I
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com