Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 45 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 45 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 41Page - Texas Instruments TDA2SXABC Datasheet HTML 42Page - Texas Instruments TDA2SXABC Datasheet HTML 43Page - Texas Instruments TDA2SXABC Datasheet HTML 44Page - Texas Instruments TDA2SXABC Datasheet HTML 45Page - Texas Instruments TDA2SXABC Datasheet HTML 46Page - Texas Instruments TDA2SXABC Datasheet HTML 47Page - Texas Instruments TDA2SXABC Datasheet HTML 48Page - Texas Instruments TDA2SXABC Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
45
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-2. Ball Characteristics(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
Hxx/LFx [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
D21
nmin_dsp
nmin_dsp
0
I
PD
PD
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
Y11
on_off
on_off
0
O
PU
drive 1
(OFF)
1.8/3.3
vddshv5
Yes
BC1833IHH
V
PU/PD
AG13
pcie_rxn0
pcie_rxn0
0
I
OFF
OFF
1.8
vdda_pcie0
SERDES
AG11
pcie_rxn1
pcie_rxn1
0
I
OFF
OFF
1.8
vdda_pcie1
SERDES
AH13
pcie_rxp0
pcie_rxp0
0
I
OFF
OFF
1.8
vdda_pcie0
SERDES
AH11
pcie_rxp1
pcie_rxp1
0
I
OFF
OFF
1.8
vdda_pcie1
SERDES
AG14
pcie_txn0
pcie_txn0
0
O
1.8
vdda_pcie0
SERDES
AG12
pcie_txn1
pcie_txn1
0
O
1.8
vdda_pcie1
SERDES
AH14
pcie_txp0
pcie_txp0
0
O
1.8
vdda_pcie0
SERDES
AH12
pcie_txp1
pcie_txp1
0
O
1.8
vdda_pcie1
SERDES
F22
porz
porz
0
I
1.8/3.3
vddshv3
Yes
IHHV1833
PU/PD
E23
resetn
resetn
0
I
PU
PU
1.8/3.3
vddshv3
Yes
Dual
Voltage
LVCMOS
PU/PD
U5
rgmii0_rxc
rgmii0_rxc
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii1_txen
2
O
mii0_txclk
3
I
0
vin2a_d5
Yes / No
4
I
0
vin4b_d5
Yes / No
5
I
0
usb4_ulpi_d2
6
IO
0
gpio5_26
14
IO
Driver off
15
I
V5
rgmii0_rxctl
rgmii0_rxctl
0
I
PD
PD
15
1.8/3.3
vddshv9
Yes
Dual
Voltage
LVCMOS
PU/PD
0
rmii1_txd1
2
O
mii0_txd3
3
O
vin2a_d6
Yes / No
4
I
0
vin4b_d6
Yes / No
5
I
0
usb4_ulpi_d3
6
IO
0
gpio5_27
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com