Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2SXABC Datasheet(PDF) 89 Page - Texas Instruments

Part # TDA2SXABC
Description  TDA2x ADAS Applications Processor 23mm Package (ABC Package) Silicon Revision 2.0
PDF  427 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDA2SXABC Datasheet(HTML) 89 Page - Texas Instruments

Back Button TDA2SXABC Datasheet HTML 85Page - Texas Instruments TDA2SXABC Datasheet HTML 86Page - Texas Instruments TDA2SXABC Datasheet HTML 87Page - Texas Instruments TDA2SXABC Datasheet HTML 88Page - Texas Instruments TDA2SXABC Datasheet HTML 89Page - Texas Instruments TDA2SXABC Datasheet HTML 90Page - Texas Instruments TDA2SXABC Datasheet HTML 91Page - Texas Instruments TDA2SXABC Datasheet HTML 92Page - Texas Instruments TDA2SXABC Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 427 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: TDA2SX TDA2SG TDA2SA TDA2HG TDA2HV TDA2HF TDA2LF
89
TDA2SX, TDA2SG, TDA2SA
TDA2HG, TDA2HV, TDA2HF, TDA2LF
www.ti.com
SPRS951F – DECEMBER 2015 – REVISED MAY 2019
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
0x1644
CTRL_CORE_PAD_R
MII_MHZ_50_CLK
U3
RMII_MHZ_50
_CLK
vin2a_d11
gpio5_17
Driver off
0x1648
CTRL_CORE_PAD_U
ART3_RXD
V2
uart3_rxd
rmii1_crs
mii0_rxdv
vin2a_d1
vin4b_d1
spi3_sclk
gpio5_18
Driver off
0x164C
CTRL_CORE_PAD_U
ART3_TXD
Y1
uart3_txd
rmii1_rxer
mii0_rxclk
vin2a_d2
vin4b_d2
spi3_d1
spi4_cs1
gpio5_19
Driver off
0x1650
CTRL_CORE_PAD_R
GMII0_TXC
W9
rgmii0_txc
uart3_ctsn
rmii1_rxd1
mii0_rxd3
vin2a_d3
vin4b_d3
usb4_ulpi_clk spi3_d0
spi4_cs2
gpio5_20
Driver off
0x1654
CTRL_CORE_PAD_R
GMII0_TXCTL
V9
rgmii0_txctl
uart3_rtsn
rmii1_rxd0
mii0_rxd2
vin2a_d4
vin4b_d4
usb4_ulpi_stp spi3_cs0
spi4_cs3
gpio5_21
Driver off
0x1658
CTRL_CORE_PAD_R
GMII0_TXD3
V7
rgmii0_txd3
rmii0_crs
mii0_crs
vin2a_de0
vin4b_de1
usb4_ulpi_dir
spi4_sclk
uart4_rxd
gpio5_22
Driver off
0x165C
CTRL_CORE_PAD_R
GMII0_TXD2
U7
rgmii0_txd2
rmii0_rxer
mii0_rxer
vin2a_hsync0 vin4b_hsync1 usb4_ulpi_nxt spi4_d1
uart4_txd
gpio5_23
Driver off
0x1660
CTRL_CORE_PAD_R
GMII0_TXD1
V6
rgmii0_txd1
rmii0_rxd1
mii0_rxd1
vin2a_vsync0 vin4b_vsync1 usb4_ulpi_d0
spi4_d0
uart4_ctsn
gpio5_24
Driver off
0x1664
CTRL_CORE_PAD_R
GMII0_TXD0
U6
rgmii0_txd0
rmii0_rxd0
mii0_rxd0
vin2a_d10
usb4_ulpi_d1
spi4_cs0
uart4_rtsn
gpio5_25
Driver off
0x1668
CTRL_CORE_PAD_R
GMII0_RXC
U5
rgmii0_rxc
rmii1_txen
mii0_txclk
vin2a_d5
vin4b_d5
usb4_ulpi_d2
gpio5_26
Driver off
0x166C
CTRL_CORE_PAD_R
GMII0_RXCTL
V5
rgmii0_rxctl
rmii1_txd1
mii0_txd3
vin2a_d6
vin4b_d6
usb4_ulpi_d3
gpio5_27
Driver off
0x1670
CTRL_CORE_PAD_R
GMII0_RXD3
V4
rgmii0_rxd3
rmii1_txd0
mii0_txd2
vin2a_d7
vin4b_d7
usb4_ulpi_d4
gpio5_28
Driver off
0x1674
CTRL_CORE_PAD_R
GMII0_RXD2
V3
rgmii0_rxd2
rmii0_txen
mii0_txen
vin2a_d8
usb4_ulpi_d5
gpio5_29
Driver off
0x1678
CTRL_CORE_PAD_R
GMII0_RXD1
Y2
rgmii0_rxd1
rmii0_txd1
mii0_txd1
vin2a_d9
usb4_ulpi_d6
gpio5_30
Driver off
0x167C
CTRL_CORE_PAD_R
GMII0_RXD0
W2
rgmii0_rxd0
rmii0_txd0
mii0_txd0
vin2a_fld0
vin4b_fld1
usb4_ulpi_d7
gpio5_31
Driver off
0x1680
CTRL_CORE_PAD_U
SB1_DRVVBUS
AB10
usb1_drvvbus
timer16
gpio6_12
Driver off
0x1684
CTRL_CORE_PAD_U
SB2_DRVVBUS
AC10
usb2_drvvbus
timer15
gpio6_13
Driver off
0x1688
CTRL_CORE_PAD_
GPIO6_14
E21
gpio6_14
mcasp1_axr8 dcan2_tx
uart10_rxd
vout2_hsync
vin4a_hsync0 i2c3_sda
timer1
gpio6_14
Driver off
0x168C
CTRL_CORE_PAD_
GPIO6_15
F20
gpio6_15
mcasp1_axr9 dcan2_rx
uart10_txd
vout2_vsync
vin4a_vsync0 i2c3_scl
timer2
gpio6_15
Driver off
0x1690
CTRL_CORE_PAD_
GPIO6_16
F21
gpio6_16
mcasp1_axr1
0
vout2_fld
vin4a_fld0
clkout1
timer3
gpio6_16
Driver off
0x1694
CTRL_CORE_PAD_X
REF_CLK0
D18
xref_clk0
mcasp2_axr8 mcasp1_axr4 mcasp1_ahclk
x
mcasp5_ahclk
x
vin6a_d0
clkout2
timer13
gpio6_17
Driver off
0x1698
CTRL_CORE_PAD_X
REF_CLK1
E17
xref_clk1
mcasp2_axr9 mcasp1_axr5 mcasp2_ahclk
x
mcasp6_ahclk
x
vin6a_clk0
timer14
gpio6_18
Driver off
0x169C
CTRL_CORE_PAD_X
REF_CLK2
B26
xref_clk2
mcasp2_axr1
0
mcasp1_axr6 mcasp3_ahclk
x
mcasp7_ahclk
x
vout2_clk
vin4a_clk0
timer15
gpio6_19
Driver off
0x16A0
CTRL_CORE_PAD_X
REF_CLK3
C23
xref_clk3
mcasp2_axr1
1
mcasp1_axr7 mcasp4_ahclk
x
mcasp8_ahclk
x
vout2_de
vin4a_de0
clkout3
timer16
gpio6_20
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com