Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 11Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 12Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 13Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 14Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 15Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
15
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP5026 is designed to limit the inrush
current to the load when a circuit card is
inserted into a live backplane power source.
This limits the backplane voltage drop and the
dV/dt of the voltage to the load. The device
provides an integrated solution for monitoring
the input voltage (VIN), output voltage (VOUT),
output current (IOUT), and die temperature to
eliminate the need for an external current-sense
power
resistor,
power
MOSFET,
and
temperature-sense device.
The maximum load at the output is current-
limited via sense MOSFET topology. The
current limit is controlled by a low-power
resistor connected between the ISET pin and
ground.
The
MP5026
provides
a
variety
of
fault
protections, including over-current protection
(OCP), short-circuit protection (SCP), over-
temperature
protection
(OTP),
damaged
MOSFET
detection,
over-voltage
protection
(OVP), and under-voltage protection (UVP).
Start-Up Sequence
For hot-swap applications, the MP502
6’s input
can experience a voltage spike or transient
during the hot-plug process. This is caused by
the parasitic inductance of the input trace and
the input capacitor. To help stabilize VIN, an
insertion delay is implemented before the main
MOSFET turns on (see Figure 2).
TIMER
t
tIDT
VIN
1.21V
VGS
VOUT
40µA
SS
3.3V Clamp
3.3V
PG
VCC
UVLO
24µA Gate Charge
Insertion Delay Time
Figure 2: Start-Up Sequence
After VIN and the VCC voltage (VCC) exceed
their respective under-voltage lockout (UVLO)
thresholds, the TIMER pin charges the external
timer capacitor (CTMR) (nF) via a 4µA constant-
current source.
The insertion delay time (tIDT) is the time period
during which CTMR is charged from 0V to 1.21V
via the internal 4µA current source. To set tIDT,
select a sufficient capacitance from TIMER to
ground. tIDT can be determined with Equation
(1):
=
IDT
TMR
1.21
t
(ms)
C
(nF)
4
(1)
For example, a 10nF capacitor requires a 3ms
tIDT.
Once tIDT finishes and the EN/UV pin exceeds
1.4V, the MOSFET is charged via the internal
24
μA charge pump. If the gate-to-source (GS)
voltage (VGS) exceeds its threshold (VGS_TH), the
MOSFET turns on and VOUT rises.
Soft Start (SS)
A soft-start capacitor (CSS) determines the soft-
start time (tSS). If EN/UV is pulled high and tIDT
finishes, a constant-current source proportional
to VIN charges the soft-start voltage (VSS). This
enables a constant tSS independent of VIN. VOUT
rises at a similar slew rate to VSS.
CSS can be calculated with Equation (2):
SS
SS
SS
t (ms)
C (nF) = 9
R (M
Ω)
(2)
Where the soft-start resistance (RSS) is 0.89MΩ.
For example, a 100nF capacitor sets tSS to
9.9ms. If the load capacitance is extremely
large, then the current required to maintain the
preset tSS should exceed the start-up current
limit. Then the rise time is controlled by the load
capacitor (CLOAD) and the start-up current limit.
Float the SS pin to generate a fast ramp-up
voltage. A 24
μA current source pulls up the
power MOSFET gate. The gate charge current
controls the VOUT rise time, and tSS is about 1ms,
which is the minimum VOUT tSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com