Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 15Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 21Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 22Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
19
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
The device must meet the following conditions
to pull the PG signal high and for the system to
draw full power:
• V
OUT > 90% of VIN
• V
GS > 2V
• V
OUT > VIN - 0.5V
PG indicates low if the device meets any of the
following conditions:
• V
OUT < 75% of VIN
• EN/UV is low
• Faults occur
If a pull-up supply is present without an input,
PG remains logic low.
Fault Bar (FLTB)
Fault bar (FLTB) is an open-drain output that
indicate whether a fault has occurred. Pull
FLTB up to an external power supply or VCC
via a 10k
Ω to 100kΩ resistor.
FLTB is pulled low with an 8µs propagation
delay if any of the following protections are
triggered: OCP, SCP, OTP, OVP, or drain-to-
source (DS) or gate-to-source (GS) short
protection.
If any of these fault protections are triggered,
FLTB indicates low and latches. After the fault
condition is removed, the MP5026 can resume
normal operation by cycling the power on VIN,
VCC, or EN/UV.
If a DS short is detected, FLTB asserts low and
holds until VOUT drops below the DS short
detection falling threshold.
Additional Protections
The MP5026 provides additional protections,
including OTP, DS short detection, and GS
short detection.
Over-Temperature Protection (OTP)
The MP5026 senses the junction temperature
(TJ) internally. Once TJ exceeds 148°C, the
power
MOSFET
shuts
down
and
FLTB
indicates low.
Drain-to-Source (DS) Short Detection
The internal DS short detection circuit starts to
work when VIN and VCC exceed their respective
UVLO thresholds. Once the device enters tSS, it
no longer detects the DS short condition. If VOUT
exceeds the smaller value between VIN - 0.5V
and 90% of VIN during the detection period, the
internal DS short flag is set.
If the following conditions are met, a DS short
occurs:
•
Internal DS short flag is set
•
EN/UV is high
• t
IDT ends
Afterward, FLTB is pulled low, and the GATE
voltage remains low to disable the power
MOSFET.
DS short is a live protection. Once VOUT drops
below the smaller value between VIN - 0.7V and
75%
of
VIN,
the
device
resumes
normal
operation and FLTB releases high.
Gate-to-Source (GS) Short Detection
If the following conditions are met, the device
determines whether a GS short has occurred
and shuts down the power MOSFET:
• V
GATE < VCP - 0.9V
• V
SS > VCC - 0.7V
• No OC fault has occurred
• 200ms delay
Where VCP is the charge pump voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com