Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 13Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 14Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 15Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
17
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ILIMIT_SS (A)
0A
ILIMIT (A)
20A
20A
Figure 5: Start-Up and Normal Current Limit
The MP5026 exits start-up when VOUT exceeds
the larger value between VIN - 0.5V and 80% of
VIN, and the power MOSFET gate voltage is
close to the internal charge pump voltage.
Once the MP5026 detects that start-up has
finished, the internal 20A current limit clamp is
disabled.
The
current
limit
during
normal
operation (IOC_NOR) is determined by ILIMIT only.
When the device reaches its current limit
threshold, the internal circuit regulates the gate
voltage to hold constant current in the power
MOSFET. The typical response time is about
20µs.
Intelli-Fuse Over-Current Protection (OCP)
during Start-Up
During start-up, if the current through the
MP5026 is regulated by the SS current limit
(ILIMIT_SS) for the soft-start over-current (OC)
regulation
time
(tOC_REG),
the
gate
stops
regulating and pulls low. Then the soft-start OC
fault is triggered, the power MOSFET shuts
down, and the FLTB and SS pins are pulled low
(see Figure 6).
VOUT
IOUT
FLTB
TIMER
1.21V
4µA
VIN
SS Over-Current Limit
Insertion Delay Time
Figure 6: Soft-Start OCP Behavior
The typical tOC_REG is 1.5ms, where the actual
regulation time depends on the
device’s safe
operating area (SOA). If OTP is triggered during
tOC_REG
,
the
power
MOSFET
shuts
down
immediately.
Over-Current
Protection
(OCP)
during
Normal Operation
Once soft start completes, the MP5026 enters
normal operation. If ILIMIT is triggered, the fault
timer starts. If IOUT drops below ILIMIT before the
fault
timeout
period
completes,
then
the
MP5026 resumes normal operation. Otherwise,
if the OC fault remains longer than the fault
timeout period, the power MOSFET latches off.
The OCP fault time (tOC) can be determined
with Equation (5):
=
OC
TMR
1.21
t
(ms)
C
(nF)
40
(5)
For example, a 10nF capacitor requires a
0.3ms tOC.
If the MP5026 reaches ILIMIT, FLTB is pulled low
with an 8
μs propagation delay to indicate a fault
(see Figure 7).
Normal Over-Current Limit
VOUT
IOUT
FLTB
TIMER
1.21V
40µA
tFAULT
OC Fault Time
Figure 7: Normal OCP Behavior
Short-Circuit Protection (SCP)
If the load current (ILOAD) increases rapidly due
to a short circuit, then the current may exceed
ILIMIT significantly before the hot-swap control
loop can respond. If the Intelli-Fuse current
reaches the short-circuit current limit (ILIMIT_SC)
(typically 50A), then a fast turn-off circuit in the
Intelli-Fuse is activated to turn the power
MOSFET off. This limits the peak current
through the MOSFET to limit the VIN drop. The
total short-circuit response time is about 200ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com