Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 21Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 22Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 23Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
20
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Soft-Start Capacitor (CSS)
A capacitor connected to SS (CSS) determines
tSS. VOUT rises at a similar slew rate to the SS
voltage (VSS).
CSS can be calculated with Equation (7):
SS
SS
SS
t (ms)
C (nF) = 9
R (M
Ω)
(7)
Where RSS is 0.89MΩ.
Place a 100nF capacitor between SS and GND
to achieve a 9.9ms tSS.
Selecting the IMON Resistor (RIMON)
The MP5026 can monitor the power MOSFET
current. Connect a resistor (RMON) to ground to
set the output gain.
The IMON current (IMON) can be calculated with
Equation (8):
IMON
FET
I
I
20
μA/A
=
(8)
Where IFET is the current flowing from the power
MOSFET.
The IMON reference voltage (VIMON) can be
determined with Equation (9):
=
IMON
IMON
IMON
V
I
R
(9)
Connect a 2k
Ω resistor between IMON and
GND to achieve a 40mV/A VIMON. Place a
capacitor greater than 10nF between IMON and
GND to smooth the indicator voltage.
Do not float IMON. If not being used, connect
IMON to GND.
To ensure that the internal current-sense circuit
has sufficient headroom, the maximum VIMON
voltage should be below VCC - 1.5V (see Figure
11).
1
1.2
1.4
1.6
1.8
2
2
4
6
8
10
12
14
16
V
IN (V)
Figure 11: Maximum VIMON Range
Selecting the ISET Resistor (RISET)
The
MP5026’s ILIMIT should exceed the normal
maximum
ILOAD, allowing for current-sense
tolerances.
ILIMIT
can
be
calculated
with
Equation (10):
3
LIMIT
ISET
0.3V
I
(A)
10
R
(k
Ω)
=
(10)
Insertion Delay Time and OC Fault Timer
Capacitor (CTMR)
The
MP5026’s TIMER pin provides two
functions: tIDT and tOC.
tIDT can be determined with Equation (11):
=
IDT
TMR
1.21
t
(ms)
C
(nF)
4
(11)
tOC can be determined with Equation (12):
=
OC
TMR
1.21
t
(ms)
C
(nF)
40
(12)
Place a 10nF capacitor between TIMER and
GND to achieve a 3ms tIDT and 300µs tOC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com