Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 21Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 22Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 23Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 24Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
21
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
performance.
A
4-layer
layout
is
strongly
recommended
for
improved
thermal
performance. For the best results, refer to
Figure 12 and follow the guidelines below:
1.
Place the MP5026
close to the board’s
input
connector
to
minimize
trace
inductance.
2.
Place a small input capacitor (e.g. 100nF)
close to the VIN and GND pins to minimize
transients
on
the
input
supply
line.
(Transients of several volts can occur
easily if ILOAD is shut off.)
3.
Place a 1µF capacitor as close to VDD33
as possible.
4.
Keep the high-current path between the
board’s input and load close to and in
parallel with the return path to minimize
loop inductance.
5.
Connect the analog signal ground (AGND)
plane to the PCB
’s power ground (PGND)
planes at a single point.
6.
Place multiple vias on the board for
improved thermal performance:
a. Place
≥6 vias on the bottom of the VIN
pad.
b. Place
≥3 vias on the bottom of the GND
pad.
c. Place
≥6 vias close to the MP5026’s
VIN and VOUT pads.
d. Place
≥3 vias close to the pads of the
input TVS.
e. Place
≥3 vias close to the pads of the
output Schottky diodes.
VIN
VIN
VIN
VIN
VOUT
VOUT
GND
OV
EN/UV
SS
PG
VCC
VOUT Copper
VIN Copper
R3
Components on Top Layer
R3
Components on Bottom Layer
VIN Via
VOUT Via
PGND
AGND
Signal Via
VIN
VOUT
PGND
PGND
AGND
VIN
GND
1
2
3
4
5
6
18
17
16
15
14
13
25
26
PGND Via
Figure 12: Recommended PCB Layout
VIN TVS Diode PN: SMDJ12A
VOUT Diode PN: B330A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com