Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 12Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 13Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 14Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 15Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
16
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
EN/UV and LOADEN
The EN/UV and LOADEN pins control the
MP5026
’s on and off status (see Table 1).
During the LOADEN blanking time, EN/UV high
is sufficient to turn the MOSFET on. After the
LOADEN blanking time expires, EN/UV and
LOADEN must be pulled high to turn the device
on. Pull EN/UV low to turn the MOSFET off.
Cycle the power on EN/UV or VIN to restart the
chip once it is latched off.
Table 1: EN/UV and LOADEN Blanking Time
Is the LOADEN
Blanking Time
Complete?
EN/UV
LOADEN
Status
No
0
0
Off
No
0
1
Off
No
1
0
On
No
1
1
On
Yes
0
0
Off
Yes
0
1
Off
Yes
1
0
Off
Yes
1
1
On
Note that LOADEN shuts down the power
MOSFET after the LOADEN blanking time
finishes. However, LOADEN cannot turn the
power MOSFET on by cycling the power on
LOADEN only (see Figure 3).
Power
MOSFET
LOADEN
ENTM
EN/UV
Off
On
1.21V
t
Figure 3: EN/UV and LOADEN Timing Diagram
If VIN and VCC are ready when the part is
enabled, the internal 24
μA current source
charges the power MOSFET
’s gate. It takes
about 1ms to charge VGS to its threshold. Then
VOUT rises based on the SS-controlled slew rate.
LOADEN Blanking Time
LOADEN has a configurable blanking time that
prevents the pin from de-asserting during the
blanking time (see Figure 4).
LOADEN Blanking Time
EN/UV
LOADEN
ENTM
1.21V
VOUT
VIN
Figure 4: LOADEN Blanking Time
Since all fault functionalities are operative
during start-up, the power MOSFET shuts down
if a fault is detected. However, LOADEN going
low during this blanking time does not turn the
MOSFET off. At the end of the blanking time,
LOADEN operates normally.
The LOADEN blanking time (tLDNB) can be set
by a capacitor placed at the ENTM pin. The
LOADEN blanking time capacitor (CENTM) can
be calculated with Equation (3):
=
ENTM
LDNB
1.1
C(
μF)
t
(s)
1.24
(3)
For example, a 1
μF capacitor requires a 1.13s
tLDNB. If LOADEN is not used, connect ENTM to
GND.
Over-Current Protection (OCP)
The MP5026 provides a constant current limit
that can be configured via an external resistor.
The Intelli-Fuse over-current limit (ILIMIT) is a
function of the ISET resistor (RISET). ILIMIT can be
calculated with Equation (4):
3
LIMIT
ISET
0.3V
I
(A) =
10
R
(k
Ω)
(4)
If VOUT is below the larger value between VIN -
0.5V and 80% of VIN, then the MP5026 enters
start-up. To protect the device from overheating
during start-up, ILIMIT has a 20A internal current
limit clamp. The actual start-up current limit
(ILIMIT_SS) is the smaller value between ILIMIT and
20A (see Figure 5 on page 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com