Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5026GLRT Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5026GLRT
Description  16V, 20A, 2.8mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5026GLRT Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5026GLRT Datasheet HTML 14Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 15Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 16Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 17Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 18Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 19Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 20Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 21Page - Monolithic Power Systems MP5026GLRT Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP5026
– 16V, 20A, 2.8mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5026 Rev. 1.0
MonolithicPower.com
18
7/5/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Once VGS drops low, the MP5026 attempts to
start up again faster to avoid VIN line transients.
The MOSFET gate is charged by an internal
charge pump. If VGS exceeds VGS_TH, the device
turns on. If the short condition remains, ILOAD is
limited by ILIMIT. The fault timer ramps to 1.21V if
the fault is not removed, and then the MP5026
’s
power MOSFET turns off and FLTB is pulled
low (see Figure 8).
Secondary Current Limit
VOUT
IOUT
VGS
VGS_TH
FLTB
200ns
t
TIMER
1.21V
40µA
Negative voltage
0
0
0
0
0
Figure 8: SCP Behavior
When a hard short occurs and VIN is pulled
below VCC quickly, the power MOSFET gate
voltage is pulled low immediately, regardless of
whether the secondary current limit has been
reached or not. The power MOSFET then
retries once more with the same short-circuit
condition present.
If the short persists after the timer expires,
FLTB switches low.
Over-Voltage Protection (OVP)
The MP5026 provides internal voltage sensing
to monitor VIN. Connect a resistor divider
between the VIN and AGND pins to set the
input over-voltage (OV) threshold (VOV) (see
Figure 9).
AGND
VIN
MP5026
1.21V
OV
RTOP
RBOTTOM
Figure 9: OV Connection
VOV can be calculated with Equation (6):
TOP
OV
BOTTOM
R
V (V)
1.21
1
R

=
 +


(6)
Regardless of whether EN/UV is high or low,
OV detection and functionality remain active. If
VOV
exceeds
its
rising
threshold
(VOV_R)
(typically 1.21V), then the power MOSFET turns
off, and the FLTB and SS pins are pulled low. If
VOV drops below its falling threshold (VOV_F),
then the device can restart by cycling the power
on VIN or EN/UV (see Figure 10). To disable
OVP, connect the OV pin to GND.
OV
VIN
FLTB
EN/UV
VOUT
1.21V
1µs
1.13V
Figure 10: OV Protection Behavior
Power Good (PG)
Power good (PG) is an open-drain output that
indicates whether VOUT is within the normal
range relative to VIN. Pull PG up to the external
power supply or VCC via a 10
kΩ to 100kΩ
resistor. During start-up, the PG output is pulled
low, which commands the system to remain off
and minimize the load on VOUT. As a result,
inrush current and power dissipation is reduced
during start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com