Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  ADIS16060/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADIS16060
Rev. 0 | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VCC = 5 V, angular rate = 0°/sec, COUT = 0.01 μF, ±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
Min1
Typ
Max
Unit
SENSITIVITY
Dynamic Range2
Full-scale range over specifications range
±50
±80
°/sec
Initial
Clockwise rotation is positive output,
TA = −40°C to +85°C
0.0110
0.0122
0.0134
°/sec/LSB
Change Over Temperature3
VCC = 4.75 V to 5.25 V
±3
%
Nonlinearity
Best fit straight line
0.1
°/sec
NULL
Initial
Nominal 0°/sec output is 8192 LSB
−44
+44
°/sec
Change Over Temperature3
VCC = 4.75 V to 5.25 V
±0.11
°/sec/°C
Turn-On Time
Power on to ±0.5°/sec of final value
10
ms
Linear Acceleration Effect
Any axis
±0.1
°/sec/g
Voltage Sensitivity
VCC = 4.75 V to 5.25 V
±0.5
°/sec/V
NOISE PERFORMANCE
Rate Noise Density
@ 25°C
0.04
°/sec/√Hz
FREQUENCY RESPONSE
3 dB Bandwidth (User-Selectable)4
COUT = 0 μF
1
1000
Hz
Sensor Resonant Frequency
14.5
kHz
SELF-TEST RESPONSE
Positive Self-Test5
See Table 5
+6226
LSB
Negative Self-Test5
See Table 5
−6226
LSB
TEMPERATURE SENSOR
Reading at 298 K
7700
8192
8684
LSB
Scale Factor
Proportional to absolute temperature
0.034
K/LSB
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VCC
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
Typically 10 nA
−1
+1
μA
Input Capacitance, CIN (DIN)
8
pF
Input Capacitance, CIN (MSEL1, MSEL2 )
5
pF
ANALOG INPUTS
For VIN < VCC
Resolution
14
Bits
Integral Nonlinearity
Best fit straight line
−6
+6
LSB
Differential Nonlinearity
No missing codes to 13 bits
−1
+6
LSB
Offset Error
−10
+10
mV
Offset Error Temperature Drift
±0.3
ppm/°C
Gain Error
−40
+40
mV
Gain Error Temperature Drift
±0.3
ppm/°C
Input Voltage Range
0
VCC
V
Leakage Current
1
nA
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 500 μA
VCC − 0.3
V
Output Low Voltage, VOL
ISINK = 500 μA
0.4
V
CONVERSION RATE
Conversion Time
10
μs
Throughput Rate
100
kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com