Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 1 Page - Analog Devices

  ADIS16060/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Wide Bandwidth
Yaw Rate Gyroscope with SPI
ADIS16060
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
Complete angular rate digital gyroscope
14-bit resolution
Scalable measurement range
Initial range: ±80°/sec (typical)
Increase range with external resistor
Z-axis (yaw rate) response
SPI digital output interface
High vibration rejection over wide frequency
2000 g-powered shock survivability
1 kHz bandwidth
Selectable using external capacitor
Externally controlled self-test
Internal temperature sensor output
Dual auxiliary 14-bit ADC inputs
Absolute rate output for precision applications
5 V single-supply operation
8.2 mm × 8.2 mm × 5.2 mm package
−40°C to +105°C operation
RoHS compliant
APPLICATIONS
Platform stabilization
Image stabilization
Guidance and control
Inertia measurement units
Robotics
GENERAL DESCRIPTION
The ADIS16060 is a yaw rate gyroscope with an integrated
serial peripheral interface (SPI). It features an externally
selectable bandwidth response and scalable dynamic range.
The SPI port provides access to the rate sensor, an internal
temperature sensor, and two external analog signals (using
internal ADC). The digital data available at the SPI port is
proportional to the angular rate about the axis that is normal
to the top surface of the package.
An additional output pin provides a precision voltage reference.
A digital self-test function electromechanically excites the sensor
to test the operation of the sensor and the signal-conditioning
circuits.
The ADIS16060 is available in an 8.2 mm × 8.2 mm × 5.2 mm,
16-terminal, peripheral land grid array (LGA) package.
FUNCTIONAL BLOCK DIAGRAM
RATE
SENSOR
SCLK
VCC
FILT
RATE
GND
ADIS16060
DIN
DOUT
MSEL1
MUX
MSEL2
14-BIT
ADC
DIGITAL
CONTROL
AIN1
AIN2
TEMPERATURE
SENSOR
Figure 1.


Similar Part No. - ADIS16060/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16000 AD-ADIS16000 Datasheet
567Kb / 37P
Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Rev. PrA
ADIS16000AMLZ AD-ADIS16000AMLZ Datasheet
567Kb / 37P
Digital MEMS Vibration Sensor w/ Embedded RF Transceiver
Rev. PrA
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
Dual-Axis 짹1.7 g Accelerometer with SPI Interface
10/05-Revision 0
ADIS16003 AD-ADIS16003 Datasheet
819Kb / 9P
iSensor??PC Evaluation System
ADIS16003 AD-ADIS16003 Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16060/PCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100 AD-ADIS16100 Datasheet
421Kb / 16P
-300째/sec Yaw Rate Gyro with SPI Interface
5/06-Rev. 0 to Rev. A
ADIS16080 AD-ADIS16080 Datasheet
618Kb / 16P
짹80째/sec Yaw Rate Gyro with SPI Interface
7/06-Revision 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS646 AD-ADXRS646 Datasheet
379Kb / 12P
High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADXRS646-EP AD-ADXRS646-EP Datasheet
364Kb / 13P
High Stability, Low Noise Vibration Rejecting Yaw Rate Gyroscope
REV. 0
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
Yaw Rate Gyroscope with SPI
Rev. C
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
Yaw Rate Gyroscope with SPI
REV. D
ADXRS622 AD-ADXRS622 Datasheet
328Kb / 12P
plus,minus250temperature/sec Yaw Rate Gyroscope
REV. C
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
짹150째/Sec Yaw Rate Gyroscope
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com