Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADIS16060
Rev. 0 | Page 11 of 12
APPLICATIONS INFORMATION
SUPPLY AND COMMON CONSIDERATIONS
Power supply noise and transient behaviors can influence the
accuracy and stability of any sensor-based measurement system.
The ADIS16060 provides 0.2 μF of decoupling capacitance on
the VCC pin. Depending on the level of noise present in the
power supply of the system, the ADIS16060 may not require
any additional decoupling capacitance for this supply.
SETTING BANDWIDTH
External Capacitor COUT is used in combination with the on-
chip ROUT resistor to create a low-pass filter to limit the
bandwidth of the ADIS16060 rate response. The –3 dB
frequency set by ROUT and COUT is
()
OUT
OUT
OUT
C
R
f
×
×
×
=
π
2
1
and can be well controlled because ROUT has been trimmed
during manufacturing to be 200 kΩ ± 5%. Setting the range
with an external resistor impacts ROUT as follows:
(
)
()
EXT
EXT
OUT
R
R
R
+
×
=
kΩ
200
kΩ
200
In general, an additional hardware or software filter is added to
attenuate high frequency noise arising from demodulation spikes
at the gyro’s 14 kHz resonant frequency. The noise spikes at 14 kHz
can be clearly seen in the power spectral density curve shown in
Figure 14.
INCREASING MEASUREMENT RANGE
Scaling the measurement range requires the addition of a single
resistor, connected across the RATE and FILT pins. The following
equation provides the proper relationship for selecting the
appropriate resistor:
1
kΩ
200
−
Δ
=
EXT
R
where Δ is the increase in range.
1
0.1
0.01
0.001
0.0001
10
100
100k
1k
10k
FREQUENCY (Hz)
Figure 14. Noise Spectral Density with 2-Pole, Low-Pass Filter (40 Hz and 250 Hz)
DYNAMIC DIGITAL SENSITIVITY SCALING
This device supports in-system, dynamic, digital sensitivity scaling.
TEMPERATURE MEASUREMENTS
When using the temperature sensor, an acquisition time of
greater than 40 μs helps to ensure proper setting and measurement
accuracy. See Table 2 and Figure 2 for details on the definition
of acquisition time.
SELF-TEST FUNCTION
Exercising the self-test function is simple, as shown in this
example.
1.
Configure using DIN = 00100010 (positive self-test,
rate selected).
2.
Read output.
3.
Configure using DIN = 00100000 (positive self-test off,
rate selected)
4.
Read output.
5.
Calculate the difference between Step 2 and Step 4, and
compare this with the specified self-test output changes in
the Specifications section.
Exercising the negative self-test requires changing the sequence
in Step 1 to DIN = 00100001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com