Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADIS16060
Rev. 0 | Page 12 of 12
OUTLINE DIMENSIONS
SIDE VIEW
TOP VIEW
BOTTOM VIEW
PIN 1
INDICATOR
0.873 BSC
(16×)
5.20
MAX
8.20
TYP
1
4
5
8
9
12
13
16
8.35
MAX
5.010
BSC
(4×)
2.505
BSC
(8×)
7.00
TYP
7.373
BSC
(2×)
0.200
MIN
(ALL SIDES)
0.797 BSC
(12×)
0.373 BSC
(16×)
Figure 15. 16-Terminal Stacked Land Grid Array [LGA]
(CC-16-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADIS16060BCCZ1
−40°C to +105°C
16-Terminal Stacked Land Grid Array (LGA)
CC-16-1
ADIS16060/PCBZ1
Evaluation Board
1 Z = RoHS Compliant Part.
©2008 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D07103-0-1/08(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com