Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 10Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 11Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADIS16060
Rev. 0 | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
0.18
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
BIAS (°/sec)
Figure 6. Initial Bias Error Distribution, 25°C, VCC = 5 V
0.30
0.25
0.20
0.15
0.10
0.05
0
BIAS DRIFT OVER TEMPERATURE (°/sec/°C)
Figure 7. Bias Drift Over −40°C to +85°C, VCC = 5 V
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
0.04
0.03
0.02
0.01
0
–0.01
–0.04
–0.03
–0.02
µ
µ + 1σ
µ – 1σ
Figure 8. Sensitivity Drift vs. Temperature, VCC = 5 V
6800
6600
6400
6200
6000
5800
5600
5400
5200
5000
4800
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
Figure 9. Positive Self-Test Response vs. Temperature, VCC = 5 V
–4800
–5000
–5200
–5400
–5600
–5800
–6000
–6200
–6400
–6600
–6800
–60
120
100
80
60
40
20
0
–20
–40
TEMPERATURE (°C)
Figure 10. Negative Self-Test Output Response vs. Temperature, VCC = 5 V
0.1
0.01
0.001
1
1000
100
10
Tau (°C)
Figure 11. Allen Variance, 25°C, VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com