Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 5 Page - Analog Devices

  ADIS16060/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADIS16060
Rev. 0 | Page 5 of 12
TIMING SPECIFICATIONS
TA = 25°C, angular rate = 0°/sec, unless otherwise noted.1
Table 2. Read/Output Sequence
Parameter
Figure Reference
Symbol
Min
Typ
Max
Unit
Serial Clock Frequency
2.9
MHz
Throughput Rate
See Figure 2
tCYC
100
kHz
MSEL1 Falling to SCLK Low
See Figure 2
tCSD
0
μs
MSEL1 Falling to SCLK Rising
See Figure 2
tSUCS
20
ns
SCLK Falling to Data Remains Valid
See Figure 2
tHDO
5
16
ns
MSEL1 Rising Edge to DOUT High Impedance
See Figure 2
tDIS
14
100
ns
SCLK Falling to Data Valid
See Figure 2
tEN
16
50
ns
Acquisition Time
See Figure 2
tACQ
400
ns
DOUT Fall Time
See Figure 2
tF
11
25
ns
DOUT Rise Time
See Figure 2
tR
11
25
ns
Data Setup Time
See Figure 3
t5
5
5
ns
SCLK Falling Edge to MSEL2 Rising Edge
See Figure 3
t7
0
0
ns
Data Hold Time
See Figure 3
t6
4.5
ns
1 Guaranteed by design. All input signals are specified with tR = tF = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.6 V. The 5 V operating range spans from
4.75 V to 5.25 V.
Timing Diagrams
DOUT
SCLK
COMPLETE CYCLE
POWER DOWN
MSEL1
D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
(MSB)
(LSB)
HIGH-Z
0
HIGH-Z
tACQ
tDIS
0
14
5
tHDO
tEN
tCSD
tSUCS
tCYC
NOTE:
A MINIMUM OF 20 CLOCK CYCLES ARE REQUIRED FOR 14-BIT CONVERSION.
Figure 2. Serial Interface Timing Diagram–Read/Output Sequence (CPOL = 0, CPHA = 0)
t5
t7
t6
DB7
MSEL2
SCLK
DIN
NOTE:
THE LAST EIGHT BITS CLOCKED IN ARE LATCHED WITH THE RISING EDGE OF THE MSEL2 LINE.
DB6 DB5 DB4 DB3 DB2 DB1 DB0
Figure 3. Serial interface Timing–Input/Configuration Sequence (CPOL = 0, CPHA = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com