Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16060/PCBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADIS16060/PCBZ
Description  Wide Bandwidth Yaw Rate Gyroscope with SPI
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16060/PCBZ Datasheet(HTML) 4 Page - Analog Devices

  ADIS16060/PCBZ Datasheet HTML 1Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 2Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 3Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 4Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 5Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 6Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 7Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 8Page - Analog Devices ADIS16060/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADIS16060
Rev. 0 | Page 4 of 12
Parameter
Conditions
Min1
Typ
Max
Unit
POWER SUPPLY
All at TA = −40°C to +85°C
VCC
4.75
5
5.25
V
VCC Quiescent Supply Current
VCC @ 5 V, 50 kSPS sample rate
4.3
6.5
mA
Power Dissipation
VCC @ 5 V, 50 kSPS sample rate
22
33
mW
TEMPERATURE RANGE
Operation
−40
+105
°C
1 All minimum and maximum specifications are guaranteed. Typical specifications are neither tested nor guaranteed.
2 Dynamic range is the maximum full-scale measurement range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supply.
3 Defined as the output change from ambient to maximum temperature, or ambient to minimum temperature.
4 Frequency at which the response is 3 dB down from dc response. Bandwidth = 1/(2 × π × 200 kΩ × COUT). For COUT = 0.01 μF, bandwidth = 80 Hz.
5 Self-test response varies with temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com