Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 101 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 101 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 97Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 98Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 99Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 100Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 101Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 102Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 103Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 104Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 101 of 144
VOLTAGE GENERATION
LCD EXTERNAL CIRCUITRY
The ADE7566/ADE7569/ADE7166/ADE7169 provide two ways
to generate the LCD waveform voltage levels. The on-chip
charge pump option can generate 5 V. This makes it possible to
use 5 V LCDs with the 3.3 V ADE7566/ADE7569/ADE7166/
ADE7169. There is also an option to use an external resistor
ladder with a 3.3 V LCD. The EXTRES bit in the LCD
Configuration X SFR (LCDCONX, 0x9C) selects the resistor
ladder or charge pump option.
The voltage generation selection is made by bit EXTRES in the
LCD Configuration X SFR (LCDCONX, 0x9C). This bit is
cleared by default for charge pump voltage generation, but can
be set to enable an external resistor ladder.
Charge Pump
Voltage generation through the charge pump requires external
capacitors to store charge. The external connections to LCDVA,
LCDVB, and LCDVC, as well as LCDVP1 and LCDVP2, are
shown in
When selecting how to generate the LCD waveform voltages,
the following should be considered:
Figure 89.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
CHARGE PUMP
AND
LCD WAVEFORM
CIRCUITRY
100nF
470nF
470nF
470nF
•
Lifetime performance power consumption
•
Contrast control
Lifetime Performance Power Consumption
In most LCDs, a high amount of current is required when the LCD
waveforms change state. The external resistor ladder option draws a
constant amount of current, whereas the charge pump circuitry
allows dynamic current consumption. If the LCD module is used
with the internal charge pump option when the display is disabled,
the voltage generation is disabled, so that no power is consumed by
the LCD function. This feature results in significant power
savings if the display is turned off during battery operation.
Figure 89. External Circuitry for Charge Pump Option
External Resistor Ladder
To enable the external resistor ladder option, set the EXTRES
bit in the LCD Configuration X SFR (LCDCONX, 0x9C). When
EXTRES = 1, the LCD waveform voltages are supplied by the
external resistor ladder. Because the LCD voltages are not
generated on-chip, the LCD bias compensation implemented to
maintain contrast over temperature and supply is not possible.
Contrast Control
The electrical characteristics of the liquid in the LCD change
over temperature. This requires adjustments in the LCD waveform
voltages to ensure a readable display. An added benefit of the
internal charge pump voltage generation is a configurable bias
voltage that can be compensated over temperature and supply
to maintain contrast on the LCD. These compensations can be
performed based on the ADE7566/ADE7569/ADE7166/
ADE7169 temperature and supply voltage measurements (see
the
The external circuitry needed for the resistor ladder option is
shown in Figure 90. The resistors required should be in the
range of 10 kΩ to 100 kΩ and based on the current required by
the LCD being used.
LCDVC
LCDVB
LCDVA
LCDVP1
LCDVP2
LCD WAVEFORM
CIRCUITRY
Temperature, Battery, and Supply Voltage Measurements
section). This dynamic contrast control is not easily
implemented with external resistor ladder voltage generation.
Figure 90. External Circuitry for External Resistor Ladder Option
The LCD bias voltage sets the contrast of the display when the
charge pump provides the LCD waveform voltages. The ADE7566/
ADE7569/ADE7166/ADE7169 provide 64 bias levels selected by
the BIASLVL bits in the LCD Configuration X SFR (LCDCONX,
0x9C). The voltage level on LCDVA, LCDVB and LCDVC
depend on the internal voltage reference value (VREF),
BIASLVL[5:0] selection, and the biasing selected as described in
LCD FUNCTION IN PSM2
The LCDPSM2 and LCDEN bits in the LCD Configuration SFR
(LCDCON, 0x95) control LCD functionality in the PSM2
operating mode (see Table 90).
Note that the internal voltage reference must be enabled by
setting the REF_BAT_EN bit in the Peripheral Configuration
SFR (PERIPH, 0xF4) to allow LCD operation in PSM2 (see
Table 80.
Lifetime Performance
Table 19).
DC offset on a segment degrades its performance over time.
The voltages generated through the internal charge pump
switch faster than those generated by the external resistor
ladder, reducing the likelihood of a dc voltage being applied
to a segment and increasing the lifetime of the LCD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com