Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 104 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 100Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 101Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 102Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 103Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 104Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 105Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 106Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 107Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 104 of 144
The implication of write/erase protecting the last page is that
the content of the 506 bytes in this page that are available to the
user must not change.
FLASH MEMORY ORGANIZATION
The 16 kB of flash memory provided by the ADE7566/ADE7569/
ADE7166/ADE7169 are segmented into 32 pages of 512 bytes
each. It is up to the user to decide which flash memory to
allocate for data memory. It is recommended that each page be
dedicated solely to program memory or data memory. Doing so
prevents the program counter from being loaded with data
memory instead of an operations code from the program
memory. It also prevents program memory used to update a
byte of data memory from being erased.
Thus, if code protection is enabled, it is recommended to use
this last page for program memory only (if the firmware does
not need to be updated in the field). If the firmware must be
protected and can be updated at a future date, the last page
should be used only for constants utilized by the program code.
Therefore, Page 0 through Page 30 are for general program and
data memory use. It is recommended that Page 31 be used for
constants or code that do not need to be updated. Note that the
last six bytes of Page 31 are reserved for protecting the flash
memory.
0x3E00
0x3DFF
0x3C00
0x3BFF
0x3A00
0x39FF
0x3800
0x37FF
0x3600
0x35FF
0x3400
0x33FF
0x3200
0x31FF
0x3000
0x2FFF
0x2E00
0x2DFF
0x2C00
0x2BFF
0x2A00
0x29FF
0x2800
0x27FF
0x2600
0x25FF
0x2400
0x23FF
0x2200
0x21FF
0x2000
0x3FFF
CONTAINS PROTECTION SETTINGS.
READ
PROTECT
BIT 7
READ
PROTECT
BIT 6
READ
PROTECT
BIT 5
READ
PROTECT
BIT 4
PAGE 30
PAGE 29
PAGE 28
PAGE 27
PAGE 26
PAGE 25
PAGE 24
PAGE 23
PAGE 22
PAGE 21
PAGE 20
PAGE 19
PAGE 18
PAGE 17
PAGE 16
PAGE 31
0x1E00
0x1DFF
0x1C00
0x1BFF
0x1A00
0x19FF
0x1800
0x17FF
0x1600
0x15FF
0x1400
0x13FF
0x1200
0x11FF
0x1000
0x0FFF
0x0E00
0x0DFF
0x0C00
0x0BFF
0x0A00
0x09FF
0x0800
0x07FF
0x0600
0x05FF
0x0400
0x03FF
0x0200
0x01FF
0x0000
0x1FFF
READ
PROTECT
BIT 3
READ
PROTECT
BIT 2
READ
PROTECT
BIT 1
READ
PROTECT
BIT 0
PAGE 14
PAGE 13
PAGE 12
PAGE 11
PAGE 10
PAGE 9
PAGE 8
PAGE 7
PAGE 6
PAGE 5
PAGE 4
PAGE 3
PAGE 2
PAGE 1
PAGE 0
PAGE 15
USING THE FLASH MEMORY
The 16 kB of flash memory are configured as 32 pages, each of
512 bytes. As with the other ADE7566/ADE7569/ADE7166/
ADE7169 peripherals, the interface to this memory space is via
a group of registers mapped in the SFR space (see Table 91).
A data register, EDATA, holds the byte of data to be accessed. The
byte of flash memory is addressed via the EADRH and EADRL
registers. Finally, ECON is an 8-bit control register that can be
written to with one of seven flash memory access commands to
trigger various read, write, erase, and verify functions.
Table 91. The Flash SFRs
Figure 92. Flash Memory Organization
The flash memory can be protected from read or write/erase
(W/E) access. The protection is implemented in part of the last
page of the flash memory, Page 31. Four of the bytes from this
page are used to set up write/erase protection for each page.
Another byte is used for configuring read protection of the flash
memory. The read protection is selected for groups of four pages.
Finally, one byte is used to store the key required for modifying
the protection scheme. The last page of flash memory must be
write/erase protected for any flash protection to be active.
SFR
Address
Default
Bit Address-
able
Description
ECON
0xB9
0x00
No
Flash Control.
FLSHKY
0xBA
0xFF
No
Flash Key.
PROTKY
0xBB
0xFF
No
Flash Protection
Key.
EDATA
0xBC
0x00
No
Flash Data.
PROTB0
0xBD
0xFF
No
Flash W/E
Protection 0.
PROTB1
0xBE
0xFF
No
Flash W/E
Protection 1.
PROTR
0xBF
0xFF
No
Flash Read
Protection.
EADRL
0xC6
0x00
No
Flash Low Byte
Address.
EADRH
0xC7
0x00
No
Flash High
Byte Address.
Figure 93 demonstrates the steps required for access to the flash
memory.
EADRH
FLSHKY
EADRL
ADDRESS ADDRESS
DECODER
FLSHKY = 0 × 3B?
PROTECTION
DECODER
ECON
COMMAND
ACCESS
ALLOWED?
FLASH
PROTECTION KEY
TRUE: ACCESS
ALLOWED
ECON = 0
FALSE: ACCESS
DENIED
ECON = 1
Figure 93. Flash Memory Read/Write/Erase Protection Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com