Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7569ASTZF16 Datasheet(PDF) 108 Page - Analog Devices

Part # ADE7569ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ASTZF16 Datasheet(HTML) 108 Page - Analog Devices

Back Button ADE7569ASTZF16 Datasheet HTML 104Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 105Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 106Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 107Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 108Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 109Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 110Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 111Page - Analog Devices ADE7569ASTZF16 Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 108 of 144
Enabling Flash Protection by Emulator Commands
Another way to set the flash protection bytes is to use some
reserved emulator commands available only in download mode.
These commands write directly to the SFRs and can be used to
duplicate the operation mentioned in the Enabling Flash
Protection by Code section. When these flash bytes are written,
the part can exit emulation mode by a reset and the protections
are effective. This method can be used in production and
implemented after downloading the program. The commands
used for this operation are an extension of the commands listed
in the Application Note uC004: Understanding the Serial
Download Protocol
, available at www.analog.com.
•
Command with ASCII Code I or 0x49 writes the data into R0.
•
Command with ASCII Code F or 0x46 writes R0 into the
SFR address defined in the data of this command.
By omitting the protocol defined in the uC004: Understanding
the Serial Download Protocol
application note, the sequence to
load protections is similar to the sequence presented in the
Enabling Flash Protection by Code section, except that two
emulator commands are necessary to replace one assembly
command. For example, to write the protection value in
EADRH, the two following commands need to be executed:
•
Command I with data = value of Protection Byte 0x3FFF.
•
Command F with data = 0xC7.
Following this protocol, the protection can be written to the
flash using the same sequence as mentioned in the Enabling
Flash Protection by Code section. When the part is reset, the
protection is effective.
Notes on Flash Protection
The flash protection scheme is disabled by default so that none
of the pages of the flash are protected from reading or writing/
erasing.
The last page must be read and write/erase protected for the
protection scheme to work.
To activate the protection settings, the ADE7566/ADE7569/
ADE7166/ADE7169 must be reset after configuring the
protection.
After configuring protection on the last page and resetting the
part, protections that have been enabled can only be removed by
mass erasing the flash memory. The protection bits are read and
erase protected by enabling read and write/erase protection on the
last page, but the protection bits are never truly write protected.
Protection bits can be modified from a 1 to a 0, even after the
last page has been protected. In this way, more protection can
be added but none can be removed.
The protection scheme is intended to protect the end system. Pro-
tection should be disabled while developing and emulating code.
Flash Memory Timing
Typical program and erase times for the flash memory are
shown in Table 101.
Table 101. Flash Memory Program and and Erase Times
Command
Bytes
Affected
Flash Memory
Timing
Write Byte
1 byte
30 μs
Erase Page
512 bytes
20 ms
Erase All
16 kB
200 ms
Read Byte
1 byte
100 ns
Erase Page and Write
Byte
512 bytes
21 ms
Verify Byte
1 byte
100 ns
Note that the core microcontroller operation is idled until the
requested flash memory operation is complete. In practice, this
means that even though the flash operation is typically initiated
with a two-machine-cycle MOV instruction to write to the
Flash Control SFR (ECON, 0xB9), the next instruction is not
executed until the Flash/EE operation is complete. This means
that the core cannot respond to interrupt requests until the
Flash/EE operation is complete, although the core peripheral
functions, such as counters and timers, continue to count as
configured throughout this period.
IN-CIRCUIT PROGRAMMING
Serial Downloading
The ADE7566/ADE7569/ADE7166/ADE7169 facilitate code
download via the standard UART serial port. The parts enter
serial download mode after a reset or a power cycle if the SDEN
pin is pulled low through an external 1 kΩ resistor. When in
serial download mode, the hidden embedded download kernel
executes. This allows the user to download code to the full 16 kB
of flash memory while the device is in-circuit in its target
application hardware.
Protection configured in the last page of the ADE7566/ADE7569/
ADE7166/ADE7169 affects whether flash memory can be
accessed in serial download mode. Read protected pages cannot be
read. Write/erase protected pages cannot be written or erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com