Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322P Datasheet(PDF) 25 Page - Injoinic Technology Co.,Ltd.

Part # IP5322P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P Datasheet(HTML) 25 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 27Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 28Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 29Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
25 / 32
Copyright © 2022, Injoinic Corp.
13 Layout 注意事项
13.1
VIO 和 BAT 端采样线
在原理图中,
BAT、CSP2 属于同一网络,但走线时必须分别走到 5mΩ 采样电阻端;同理,CSN2、
PCON 也需要分别走到 5mΩ 采样电阻端。
19
5mΩ 电阻采样线
13.2
VIO 和 BAT 电容
VIO 和 BAT 端电容需要靠近采样电阻,且电容的地需要靠近 H 桥下管的地,尽量多打过孔。例如:BAT
端电容位置。
20
BAT 电容



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com