Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5322P Datasheet(PDF) 12 Page - Injoinic Technology Co.,Ltd.

Part # IP5322P
Description  integrated buck-boost driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5322P Datasheet(HTML) 12 Page - Injoinic Technology Co.,Ltd.

Back Button IP5322P Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5322P Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
IP5386
V1.01
Email: service@injoinic.com
12 / 32
Copyright © 2022, Injoinic Corp.
时间
负载短路检测
时间
TOCD
输出电压持续低于
2.2V
40
μs
控制系统
开关频率
Fs
放电开关频率
400
kHz
充电开关频率
400
kHz
VCCIO 输出电
VCCIO
3.15
3.30
3.45
V
电池端待机电
ISTB
VBAT=14.8V,按键关机后的平均
电流
200
μA
VCCIO 输出电
ILDO
25
30
35
mA
LED 照明驱动
电流
IWLED
10
15
20
mA
LED 显示驱动
电流
IL1
IL2
IL3
电压下降
10%
3
9
mA
总负载轻载关
机自动检测时
T1load
负载功率持续小于
350mW
30
32
34
s
输出口轻载关
断自动检测时
T2load
14
16
18
s
短按键唤醒时
TOnDebounce
60
500
ms
打开
WLED 时
TKeylight
1.2
2
3
s
热关断温度
TOTP
上升温度
110
125
140
热关断温度迟
ΔTOTP
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com